Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 263 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 263 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 259Page - Texas Instruments AM3892 Datasheet HTML 260Page - Texas Instruments AM3892 Datasheet HTML 261Page - Texas Instruments AM3892 Datasheet HTML 262Page - Texas Instruments AM3892 Datasheet HTML 263Page - Texas Instruments AM3892 Datasheet HTML 264Page - Texas Instruments AM3892 Datasheet HTML 265Page - Texas Instruments AM3892 Datasheet HTML 266Page - Texas Instruments AM3892 Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-88. PCIe Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5100 0184
IRQ_STATUS
Interrupt Enabled Status
0x5100 0188
IRQ_ENABLE_SET
Interrupt Enable Set
0x5100 018C
IRQ_ENABLE_CLR
Interrupt Enable Clear
0x5100 01C0
ERR_IRQ_STATUS_RAW
Raw ERR Interrupt Status
0x5100 01C4
ERR_IRQ_STATUS
ERR Interrupt Enabled Status
0x5100 01C8
ERR_IRQ_ENABLE_SET
ERR Interrupt Enable Set
0x5100 01CC
ERR_IRQ_ENABLE_CLR
ERR Interrupt Enable Clear
0x5100 01D0
PMRST_IRQ_STATUS_RAW
Power Management and Reset Interrupt Status
0x5100 01D4
PMRST_IRQ_STATUS
Power Management and Reset Interrupt Enabled Status
0x5100 01D8
PMRST_ENABLE_SET
Power Management and Reset Interrupt Enable Set
0x5100 01DC
PMRST_ENABLE_CLR
Power Management and Reset Interrupt Enable Clear
0x5100 0200
OB_OFFSET_INDEXn
Outbound Translation Region N Offset Low and Index
0x5100 0204
OB_OFFSETn_HI
Outbound Translation Region N Offset High
0x5100 0300
IB_BAR0
Inbound Translation Bar Match 0
0x5100 0304
IB_START0_LO
Inbound Translation 0 Start Address Low
0x5100 0308
IB_START0_HI
Inbound Translation 0 Start Address High
0x5100 030C
IB_OFFSET0
Inbound Translation 0 Address Offset
0x5100 0310
IB_BAR1
Inbound Translation Bar Match 1
0x5100 0314
IB_START1_LO
Inbound Translation 1 Start Address Low
0x5100 0318
IB_START1_HI
Inbound Translation 1 Start Address High
0x5100 031C
IB_OFFSET1
Inbound Translation 1 Address Offset
0x5100 0320
IB_BAR2
Inbound Translation Bar Match 2
0x5100 0324
IB_START2_LO
Inbound Translation 2 Start Address Low
0x5100 0328
IB_START2_HI
Inbound Translation 2 Start Address High
0x5100 032C
IB_OFFSET2
Inbound Translation 2 Address Offset
0x5100 0330
IB_BAR3
Inbound Translation Bar Match 3
0x5100 0334
IB_START3_LO
Inbound Translation 3 Start Address Low
0x5100 0338
IB_START3_HI
Inbound Translation 3 Start Address High
0x5100 033C
IB_OFFSET3
Inbound Translation 3 Address Offset
0x5100 0380
PCS_CFG0
PCS Configuration 0
0x5100 0384
PCS_CFG1
PCS Configuration 1
0x5100 0388
PCS_STATUS
PCS Status
0x5100 0390
SERDES_CFG0
SerDes Configuration for Lane 0
0x5100 0394
SERDES_CFG1
SerDes Configuration for Lane 1
8.14.3 PCIe Electrical Data/Timing
Texas Instruments (TI) has performed the simulation and system characterization to ensure that the PCIe
peripheral meets all AC timing specifications as required by the PCI Express Base 2.0 Specification.
Therefore, the AC timing specifications are not reproduced here. For more information on the AC timing
specifications, see Sections 4.3.3.5 and 4.3.4.4 of the PCI Express Base 2.0 Specification.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
263
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com