Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 267 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 267 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 263Page - Texas Instruments AM3892 Datasheet HTML 264Page - Texas Instruments AM3892 Datasheet HTML 265Page - Texas Instruments AM3892 Datasheet HTML 266Page - Texas Instruments AM3892 Datasheet HTML 267Page - Texas Instruments AM3892 Datasheet HTML 268Page - Texas Instruments AM3892 Datasheet HTML 269Page - Texas Instruments AM3892 Datasheet HTML 270Page - Texas Instruments AM3892 Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 299 page
background image
START
XMIT
Valid
Valid
Valid
END
7
SD_CLK
SD_CMD
13
10
9
13
13
13
START
XMIT
Valid
Valid
Valid
END
7
SD_CLK
SD_CMD
10
9
1
2
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-90. SD/SDIO Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4806 0250
SD_FE
Force Event
0x4806 0254
SD_ADMAES
ADMA Error Status
0x4806 0258
SD_ADMASAL
ADMA System address Low bits
0x4806 025C
SD_ADMASAH
ADMA System address High bits
0x4806 02FC
SD_REV
Versions
8.16.2 SD/SDIO Electrical Data/Timing
Table 8-91. Timing Requirements for SD/SDIO
(see Figure 8-80, Figure 8-82)
NO.
MIN
MAX
UNIT
1
tsu(CMDV-CLKH)
Setup time, SD_CMD valid before SD_CLK rising clock edge
4.1
ns
2
th(CLKH-CMDV)
Hold time, SD_CMD valid after SD_CLK rising clock edge
1.9
ns
3
tsu(DATV-CLKH)
Setup time, SD_DATx valid before SD_CLK rising clock edge
4.1
ns
4
th(CLKH-DATV)
Hold time, SD_DATx valid after SD_CLK rising clock edge
1.9
ns
Table 8-92. Switching Characteristics Over Recommended Operating Conditions for SD/SDIO
(see Figure 8-79, Figure 8-80, Figure 8-81, Figure 8-82)
NO.
PARAMETER
MIN
MAX
UNIT
fop(CLK)
Operating frequency, SD_CLK
48
MHz
7
tc(CLK)
Operating period: SD_CLK
20.8
ns
fop(CLKID)
Identification mode frequency, SD_CLK
400
kHz
8
tc(CLKID)
Identification mode period: SD_CLK
2500.0
ns
9
tw(CLKL)
Pulse duration, SD_CLK low
0.5*P(1)
ns
10
tw(CLKH)
Pulse duration, SD_CLK high
0.5*P(1)
ns
11
tr(CLK)
Rise time, All Signals (10% to 90%)
2.2
ns
12
tf(CLK)
Fall time, All Signals (10% to 90%)
2.2
ns
13
td(CLKL-CMD)
Delay time, SD_CLK rising clock edge to SD_CMD transition
2.5
13.9
ns
14
td(CLKL-DAT)
Delay time, SD_CLK rising clock edge to SD_DATx transition
2.5
13.9
ns
(1)
P = SD_CLK period.
Figure 8-79. SD Host Command Timing
Figure 8-80. SD Card Response Timing
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
267
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com