Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 270 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 270 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 266Page - Texas Instruments AM3892 Datasheet HTML 267Page - Texas Instruments AM3892 Datasheet HTML 268Page - Texas Instruments AM3892 Datasheet HTML 269Page - Texas Instruments AM3892 Datasheet HTML 270Page - Texas Instruments AM3892 Datasheet HTML 271Page - Texas Instruments AM3892 Datasheet HTML 272Page - Texas Instruments AM3892 Datasheet HTML 273Page - Texas Instruments AM3892 Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.17.1.3 PCB Stackup Specifications
Table 8-94 shows the PCB stackup and feature sizes required for SATA.
Table 8-94. SATA PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB routing/plane layers
4
6
-
Layers
Signal routing layers
2
3
-
Layers
Number of ground plane cuts allowed within SATA routing region
-
-
0
Cuts
Number of layers between SATA routing region and reference ground plane
-
-
0
Layers
PCB trace width, w
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
MPU BGA pad size(1)
0.4
mm
(1)
NSMD pad, per IPC-7351A BGA pad size guideline.
8.17.1.4 Routing Specifications
The SATA data signal traces must be routed to achieve 100
Ω (±20%) differential impedance and 60 Ω
(±15%) single-ended impedance. The single-ended impedance is required because differential signals are
extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes important.
60
Ω is chosen for the single-ended impedance to minimize problems caused by too low an impedance.
These impedances are impacted by trace width, trace spacing, distance to reference planes, and dielectric
material. Verify with a PCB design tool that the trace geometry for both data signal pairs results in as
close to 100
Ω differential impedance and 60 Ω single-ended impedance traces as possible. For best
accuracy, work with your PCB fabricator to ensure this impedance is met.
Table 8-95 shows the routing specifications for the SATA data signals.
Table 8-95. SATA Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
MPU-to-SATA header trace length
10(1)
Inches
Number of stubs allowed on SATA traces(2)
0
Stubs
TX/RX pair differential impedance
80
100
120
Ω
TX/RX single ended impedance
51
60
69
Ω
Number of vias on each SATA trace
3
Vias(3)
SATA differential pair to any other trace spacing
2*DS(4)
(1)
Beyond this, signal integrity may suffer.
(2)
In-line pads may be used for probing.
(3)
Vias must be used in pairs with their distance minimized.
(4)
DS = differential spacing of the SATA traces.
8.17.1.5 Coupling Capacitors
AC coupling capacitors are required on the receive data pair. Table 8-96 shows the requirements for these
capacitors.
Table 8-96. SATA AC Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
SATA AC coupling capacitor value
1
10
12
nF
SATA AC coupling capacitor package size(1)
0402
0603
EIA(2)
(1)
The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair, placed side by side.
(2)
EIA LxW units; i.e., a 0402 is a 40x20 mil surface-mount capacitor.
270
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com