Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 266 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 266 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 262Page - Texas Instruments AM3892 Datasheet HTML 263Page - Texas Instruments AM3892 Datasheet HTML 264Page - Texas Instruments AM3892 Datasheet HTML 265Page - Texas Instruments AM3892 Datasheet HTML 266Page - Texas Instruments AM3892 Datasheet HTML 267Page - Texas Instruments AM3892 Datasheet HTML 268Page - Texas Instruments AM3892 Datasheet HTML 269Page - Texas Instruments AM3892 Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.16 Secure Digital/Secure Digital Input Output (SD/SDIO)
The device SD/SDIO Controller has following features:
•
Secure Digital (SD) memory card with Secure Data I/O (SDIO)
•
Supports SDHC (SD high capacity)
•
SD/SDIO protocol support
•
Programmable clock frequency
•
1024 byte read/write FIFO to lower system overhead
•
Slave DMA transfer capability
•
Full compliance with SD command/response sets, as defined in the SD physical layer specification
v2.00
•
Full compliance with SDIO command/response sets and interrupt/read-wait suspend-resume
operations, as defined in the SD part E1 specification v 2 .00
•
Full compliance with SD host controller standard specification sets as defined in the SD card
specification part A2 v2.00.
For more detailed information on SD/SDIO, see the SD/SDIO chapter in the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
8.16.1 SD/SDIO Peripheral Register Descriptions
Table 8-90. SD/SDIO Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4806 0000
SD_HL_REV
IP Revision Identifier
0x4806 0004
SD_HL_HWINFO
Hardware Configuration
0x4806 0010
SD_HL_SYSCONFIG
Clock Management Configuration
0x4806 0110
SD_SYSCONFIG
System Configuration
0x4806 0114
SD_SYSSTATUS
System Status
0x4806 0124
SD_CSRE
Card status response error
0x4806 0128
SD_SYSTEST
System Test
0x4806 012C
SD_CON
Configuration
0x4806 0130
SD_PWCNT
Power counter
0x4806 0200
SD_SDMASA
SDMA System address:
0x4806 0204
SD_BLK
Transfer Length Configuration
0x4806 0208
SD_ARG
Command argument
0x4806 020C
SD_CMD
Command and transfer mode
0x4806 0210
SD_RSP10
Command Response 0 and 1
0x4806 0214
SD_RSP32
Command Response 2 and 3
0x4806 0218
SD_RSP54
Command Response 4 and 5
0x4806 021C
SD_RSP76
Command Response 6 and 7
0x4806 0220
SD_DATA
Data
0x4806 0224
SD_PSTATE
Present state
0x4806 0228
SD_HCTL
Host Control
0x4806 022C
SD_SYSCTL
SD system control
0x4806 0230
SD_STAT
Interrupt status
0x4806 0234
SD_IE
Interrupt SD enable
0x4806 0238
SD_ISE
0x4806 023C
SD_AC12
Auto CMD12 Error Status
0x4806 0240
SD_CAPA
Capabilities
0x4806 0248
SD_CUR_CAPA
Maximum current capabilities
(1)
SD/SDIO registers are limited to 32-bit data accesses; 16-bit and 8-bit accesses are not allowed and can corrupt register content.
266
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com