Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 269 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 269 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 265Page - Texas Instruments AM3892 Datasheet HTML 266Page - Texas Instruments AM3892 Datasheet HTML 267Page - Texas Instruments AM3892 Datasheet HTML 268Page - Texas Instruments AM3892 Datasheet HTML 269Page - Texas Instruments AM3892 Datasheet HTML 270Page - Texas Instruments AM3892 Datasheet HTML 271Page - Texas Instruments AM3892 Datasheet HTML 272Page - Texas Instruments AM3892 Datasheet HTML 273Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 299 page
background image
SATA Interface (Processor)
SATA Connector
SATA_TXN
SATA_TXP
SATA_RXN
SATA_RXP
TX-
TX+
RX-
RX+
10 nF
10 nF
10 nF
10 nF
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.17 Serial ATA Controller (SATA)
The Serial ATA (SATA) peripheral provides a direct interface for up to two hard disk drives (SATA) and
supports the following features:
•
Serial ATA 1.5 Gbps and 3 Gbps speeds
•
Integrated PHY
•
Integrated Rx and Tx data buffers
•
Supports all SATA power management features
•
Hardware-assisted native command queuing (NCQ) for up to 32 entries
•
Supports port multiplier with command-based switching for connection to multiple hard disk drives
•
Activity LED support.
For more detailed information on the SATA, see the SATA chapter in the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
8.17.1 SATA Interface Design Guidelines
This section provides PCB design and layout guidelines for the SATA interface. The design rules constrain
PCB trace length, PCB trace skew, signal integrity, cross-talk, and signal timing. Simulation and system
design work has been done to ensure the SATA interface requirements are met.
A standard 100-MHz differential clock source must be used for SATA operation (for details, see
Section 7.3.2).
8.17.1.1 SATA Interface Schematic
Figure 8-83 shows the data portion of the SATA interface schematic. The specific pin numbers can be
obtained from Table 3-17, Serial ATA Terminal Functions.
Figure 8-83. SATA Interface High-Level Schematic
8.17.1.2 Compatible SATA Components and Modes
Table 8-93 shows the compatible SATA components and supported modes. Note that the only supported
configuration is an internal cable from the processor host to the SATA device.
Table 8-93. SATA Supported Modes
PARAMETER
MIN
MAX
UNIT
SUPPORTED
Transfer Rates
1.5
3.0
Gbps
eSATA
-
-
-
No
xSATA
-
-
-
No
Backplane
-
-
-
No
Internal Cable
-
-
-
Yes
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
269
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com