Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 264 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 264 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 260Page - Texas Instruments AM3892 Datasheet HTML 261Page - Texas Instruments AM3892 Datasheet HTML 262Page - Texas Instruments AM3892 Datasheet HTML 263Page - Texas Instruments AM3892 Datasheet HTML 264Page - Texas Instruments AM3892 Datasheet HTML 265Page - Texas Instruments AM3892 Datasheet HTML 266Page - Texas Instruments AM3892 Datasheet HTML 267Page - Texas Instruments AM3892 Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 299 page
background image
32.768 kHz
Counter
32 kHz
Compensation
Week Days
Control
Seconds
Minutes
Hours
Days
Month
Years
Interrupt
Alarm
IRQ_ALARM
NIRQ_TIMER
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.15 Real-Time Clock (RTC)
The real-time clock is a precise timer that can generate interrupts on intervals specified by the user.
Interrupts can occur every second, minute, hour, or day. The clock, itself, can track the passage of real
time for durations of several years, provided it has a sufficient power source the whole time.
The basic purpose for the RTC is to keep time of day. The other equally important purpose of the RTC is
for Digital Rights management. Some degree of tamper-proofing is needed to ensure that simply stopping,
resetting, or corrupting the RTC does not go unnoticed; so, if this occurs, the application can re-acquire
the time of day from a trusted source. The final purpose of RTC is to wake up the rest of the device from a
power-down state. The RTC features include:
•
Time information (hours/minutes/seconds) directly in binary coded decimal (BCD), for easy decoding.
•
Calendar information (day/month/year/day of week) directly in BCD code up to year 2099.
•
Shadow time and calendar access; ease of reading time.
•
Interrupt generation, periodically (1d/1h/1m/1s) or at a precise time of day and/or date.
•
30-second time correction (crystal frequency compensation).
•
OCP slave port for register access.
•
Supports power idle protocol with SWakeUp capable on alarm or timer events.
The RTC is driven by SYSCLK18 (32.768 kHz) or an optional 32.768-kHz clock can be input on the
CLKIN32 clock input pin for RTC reference.
Figure 8-78 shows the major components of the RTC.
Figure 8-78. Real-Time Clock Block Diagram
8.15.1 RTC Register Descriptions
Table 8-89. RTC Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x480C 0000
SECONDS_REG
Seconds
0x480C 0004
MINUTES_REG
Minutes
0x480C 0008
HOURS_REG
Hours
0x480C 000C
DAYS_REG
Day of the Month
0x480C 0010
MONTHS_REG
Month
0x480C 0014
YEARS_REG
Year
264
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com