Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 260 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 260 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 256Page - Texas Instruments AM3892 Datasheet HTML 257Page - Texas Instruments AM3892 Datasheet HTML 258Page - Texas Instruments AM3892 Datasheet HTML 259Page - Texas Instruments AM3892 Datasheet HTML 260Page - Texas Instruments AM3892 Datasheet HTML 261Page - Texas Instruments AM3892 Datasheet HTML 262Page - Texas Instruments AM3892 Datasheet HTML 263Page - Texas Instruments AM3892 Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.14 Peripheral Component Interconnect Express (PCIe)
The device supports connections to PCIe-compliant devices via the integrated PCIe master/slave bus
interface. The PCIe module is comprised of a dual-mode PCIe core and a SerDes PHY. The device
implements a single two-lane PCIe 2.0 (5.0 GT/s) endpoint/root complex port.
The device PCIe supports the following features:
•
Supports Gen1/Gen2 in x1 or x2 mode
•
One port with up to 2 x 5 GT/s lanes
•
Single virtual channel (VC), single traffic class (TC)
•
Single function in end-point mode
•
Automatic width and speed negotiation and lane reversal
•
Max payload: 128 byte outbound, 256 byte inbound
•
Automatic credit management
•
ECRC generation and checking
•
Configurable BAR filtering
•
Supports PCIe messages
•
Legacy interrupt reception (RC) and generation (EP)
•
MSI generation and reception
•
PCI device power management, except D3 cold with vaux
•
Active state power management state L0 and L1.
For more detailed information on the PCIe port peripheral module, see the PCIe chapter in the AM38x
Sitara ARM Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
The PCIe peripheral on the device conforms to the PCI Express Base 2.0 Specification.
8.14.1 PCIe Design and Layout Guidelines
8.14.1.1 Clock Source
A standard 100-MHz PCIe differential clock source must be used for PCIe operation (for details, see
Section 7.3.2).
8.14.1.2 PCIe Connections and Interface Compliance
The PCIe interface on the device is compliant with the PCI Express Base 2.0 Specification. Refer to the
PCIe specifications for all connections that are described in it. For coupling capacitor selection, see
Section 8.14.1.2.1.
The use of PCIe-compatible bridges and switches is allowed for interfacing with more than one other
processor or PCIe device.
8.14.1.2.1 Coupling Capacitors
AC coupling capacitors are required on the transmit data pair. Table 8-85 shows the requirements for
these capacitors.
Table 8-85. AC Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
PCIe AC coupling capacitor value
75
200
nF
PCIe AC coupling capacitor package size(1)
0402
0603
EIA(2)
(1)
The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair, placed side by side.
(2)
EIA LxW units; i.e., a 0402 is a 40x20 mil (thousandths of an inch) surface-mount capacitor.
260
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com