Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 280 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 280 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 276Page - Texas Instruments AM3892 Datasheet HTML 277Page - Texas Instruments AM3892 Datasheet HTML 278Page - Texas Instruments AM3892 Datasheet HTML 279Page - Texas Instruments AM3892 Datasheet HTML 280Page - Texas Instruments AM3892 Datasheet HTML 281Page - Texas Instruments AM3892 Datasheet HTML 282Page - Texas Instruments AM3892 Datasheet HTML 283Page - Texas Instruments AM3892 Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.19 Timers
The device has seven 32-bit general-purpose (GP) timers that have the following features:
•
Timers 1-3 are for software use and do not have an external connection
•
Dedicated input trigger for capture mode and dedicated output trigger/pulse width modulation (PWM)
signal
•
Interrupts generated on overflow, compare, and capture
•
Free-running 32-bit upward counter
•
Supported modes:
–
Compare and capture modes
–
Auto-reload mode
–
Start-stop mode
•
Timer[7:1] functional clock is sourced from either the 27-MHz system clock, 32.768-kHz RTC clock or
the TCLKIN external timer input clock, as selected within the PRCM
•
On-the-fly read/write register (while counting)
•
Generates interrupts to the ARM CPUs.
The device has one system watchdog timer that has the following features:
•
Free-running 32-bit upward counter
•
On-the-fly read/write register (while counting)
•
Reset upon occurrence of a timer overflow condition
•
Two possible clock sources:
–
Internal 32.768-kHz clock derived from 27-MHz system clock.
–
External clock input on the CLKIN32 input pin.
The watchdog timer is used to provide a recovery mechanism for the device in the event of a fault
condition, such as a non-exiting code loop.
For more detailed information, see the Timers chapter in the AM38x Sitara ARM Microprocessors (MPUs)
Technical Reference Manual (literature number SPRUGX7).
8.19.1 Timer Peripheral Register Descriptions
Table 8-101. Timer1-7 Registers(1)
TIMER1 HEX
TIMER2 HEX
TIMER3 HEX
TIMER4 HEX
TIMER5 HEX
TIMER6 HEX
TIMER7 HEX
ACRONYM
REGISTER NAME
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
ADDRESS
0x4802 E000
0x4804 0000
0x4804 2000
0x4804 4000
0x4804 6000
0x4804 8000
0x4804 A000
TIDR
Identification
0x4802 E010
0x4804 0010
0x4804 2010
0x4804 4010
0x4804 6010
0x4804 8010
0x4804 A010
TIOCP_CFG
Timer OCP
Configuration
0x4802 E020
0x4804 0020
0x4804 2020
0x4804 4020
0x4804 6020
0x4804 8020
0x4804 A020
IRQ_EOI
Timer IRQ
End-Of-Interrupt
0x4802 E024
0x4804 0024
0x4804 2024
0x4804 4024
0x4804 6024
0x4804 8024
0x4804 A024
IRQSTATUS_
Timer IRQSTATUS
RAW
Raw
0x4802 E028
0x4804 0028
0x4804 2028
0x4804 4028
0x4804 6028
0x4804 8028
0x4804 A028
IRQSTATUS
Timer IRQSTATUS
0x4802 E02C
0x4804 002C
0x4804 202C
0x4804 402C
0x4804 602C
0x4804 802C
0x4804 A02C
IRQSTATUS_
Timer IRQENABLE
SET
Set
0x4802 E030
0x4804 0030
0x4804 2030
0x4804 4030
0x4804 6030
0x4804 8030
0x4804 A030
IRQSTATUS_
Timer IRQENABLE
CLR
Clear
0x4802 E034
0x4804 0034
0x4804 2034
0x4804 4034
0x4804 6034
0x4804 8034
0x4804 A034
IRQWAKEEN
Timer IRQ Wakeup
Enable
0x4802 E038
0x4804 0038
0x4804 2038
0x4804 4038
0x4804 6038
0x4804 8038
0x4804 A038
TCLR
Timer Control
0x4802 E03C
0x4804 003C
0x4804 203C
0x4804 403C
0x4804 603C
0x4804 803C
0x4804 A03C
TCRR
Timer Counter
0x4802 E040
0x4804 0040
0x4804 2040
0x4804 4040
0x4804 6040
0x4804 8040
0x4804 A040
TLDR
Timer Load
0x4802 E044
0x4804 0044
0x4804 2044
0x4804 4044
0x4804 6044
0x4804 8044
0x4804 A044
TTGR
Timer Trigger
(1)
All Timer registers are: 32-bit register accessible in 16-bit mode and use little-endian addressing.
280
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com