Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 283 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 283 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 279Page - Texas Instruments AM3892 Datasheet HTML 280Page - Texas Instruments AM3892 Datasheet HTML 281Page - Texas Instruments AM3892 Datasheet HTML 282Page - Texas Instruments AM3892 Datasheet HTML 283Page - Texas Instruments AM3892 Datasheet HTML 284Page - Texas Instruments AM3892 Datasheet HTML 285Page - Texas Instruments AM3892 Datasheet HTML 286Page - Texas Instruments AM3892 Datasheet HTML 287Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.20 Universal Asynchronous Receiver/Transmitter (UART)
The UART performs serial-to-parallel conversions on data received from a peripheral device and
parallel-to-serial conversion on data received from the CPU. The device provides up to three UART
peripheral interfaces, depending on the selected pin multiplexing.
Each UART has the following features:
•
Selectable UART/IrDA (SIR/MIR)/CIR modes
•
Dual 64-entry FIFOs for received and transmitted data payload
•
Programmable and selectable transmit and receive FIFO trigger levels for DMA and interrupt
generation
•
Baud-rate generation based upon programmable divisors N (N=1…16384)
•
Two DMA requests and one interrupt request to the system
•
Can connect to any RS-232 compliant device.
UART functions include:
•
Baud-rate up to 3.6 Mbit/s
•
Programmable serial interfaces characteristics
–
5, 6, 7, or 8-bit characters
–
Even, odd, or no parity-bit generation and detection
–
1, 1.5, or 2 stop-bit generation
–
Flow control: hardware (RTS/CTS) or software (XON/XOFF)
•
Additional modem control functions (UART0_DTR, UART0_DSR, UART0_DCD, and UART0_RIN) for
UART0 only; UART1 and UART2 do not support full-flow control signaling.
IR-IrDA functions include:
•
Support of IrDA 1.4 slow infrared (SIR, baud-rate up to 115.2 Kbits/s), medium infrared (MIR,
baud-rate up to 1.152 Mbits/s) and fast infrared (FIR baud-rate up to 4.0 Mbits/s) communications
•
Supports framing error, cyclic redundancy check (CRC) error, illegal symbol (FIR), and abort pattern
(SIR, MIR) detection
•
8-entry status FIFO (with selectable trigger levels) available to monitor frame length and frame errors.
IR-CIR functions include:
•
Consumer infrared (CIR) remote control mode with programmable data encoding
•
Free data format (supports any remote control private standards)
•
Selectable bit rate and configurable carrier frequency.
For more detailed information on the UART peripheral, see the UART chapter in the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
283
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com