Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 284 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 284 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 280Page - Texas Instruments AM3892 Datasheet HTML 281Page - Texas Instruments AM3892 Datasheet HTML 282Page - Texas Instruments AM3892 Datasheet HTML 283Page - Texas Instruments AM3892 Datasheet HTML 284Page - Texas Instruments AM3892 Datasheet HTML 285Page - Texas Instruments AM3892 Datasheet HTML 286Page - Texas Instruments AM3892 Datasheet HTML 287Page - Texas Instruments AM3892 Datasheet HTML 288Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.20.1 UART Peripheral Register Descriptions
Table 8-105 lists the UART register name summary. Table 8-106 shows the UART registers along with
their configuration requirements.
Table 8-105. UART Register Summary
ACRONYM
REGISTER NAME
ACRONYM
REGISTER NAME
RHR
Receive Holding
RXFLH
Receive Frame Length High
THR
Transmit Holding
BLR
BOF Control
IER
Interrupt Enable
ACREG
Auxilliary Control
IIR
Interrupt Identification
SCR
Supplementary Control
FCR
FIFO Control
SSR
Supplementary Status
LCR
Line Control
EBLR
BOF Length
MCR
Modem Control
MVR
Module Version
LSR
Line Status
SYSC
System Configuration
MSR
Modem Status
SYSS
System Status
SPR
Scratchpad
WER
Wake-up Enable
TCR
Transmission Control
CFPS
Carrier Frequency Prescaler
TLR
Trigger Level
DLL
Divisor Latch Low
MDR1
Mode Definition 1
DLH
Divisor Latch High
MDR2
Mode Definition 2
UASR
UART Autobauding Status
SFLSR
Status FIFO Line Status
EFR
Enhanced Feature
RESUME
Resume
XON1
UART XON1 Character
SFREGL
Status FIFO Low
XON2
UART XON2 Character
SFREGH
Status FIFO High
XOFF1
UART XOFF1 Character
TXFLL
Transmit Frame Length Low
XOFF2
UART XOFF2 Character
TXFLH
Transmit Frame Length High
ADDR1
IrDA Address 1
RXFLL
Receive Frame Length Low
ADDR2
IrDA Address 2
Table 8-106. UART Registers Configuration Requirements(1)(2)(3)
REGISTER
UART0 HEX
UART1 HEX
UART2 HEX
LCR[7] = 1 and LCR[7:0]
LCR[7] = 0
LCR[7:0] = 0xBF
ADDRESS
ADDRESS
ADDRESS
≠ 0xBF
READ
WRITE
READ
WRITE
READ
WRITE
0x4802 0000
0x4802 2000
0x4802 4000
RHR
THR
DLL
DLL
DLL
DLL
0x4802 0004
0x4802 2004
0x4802 4004
IER
IER
DLH
DLH
DLH
DLH
0x4802 0008
0x4802 2008
0x4802 4008
IIR
FCR
IIR
FCR
EFR
EFR
0x4802 000C
0x4802 200C
0x4802 400C
LCR
LCR
LCR
LCR
LCR
LCR
0x4802 0010
0x4802 2010
0x4802 4010
MCR
MCR
MCR
MCR
XON1/
XON1/
ADDR1
ADDR1
0x4802 0014
0x4802 2014
0x4802 4014
LSR
-
LSR
-
XON2/
XON2/
ADDR2
ADDR2
0x4802 0018
0x4802 2018
0x4802 4018
MSR/TCR
TCR
MSR/TCR
TCR
XOFF1/
XOFF1/
TCR
TCR
0x4802 001C
0x4802 201C
0x4802 401C
SPR/TLR
SPR/TLR
SPR/TLR
SPR/TLR
XOFF2/
XOFF2/
TLR
TLR
0x4802 0020
0x4802 2020
0x4802 4020
MDR1
MDR1
MDR1
MDR1
MDR1
MDR1
0x4802 0024
0x4802 2024
0x4802 4024
MDR2
MDR2
MDR2
MDR2
MDR2
MDR2
0x4802 0028
0x4802 2028
0x4802 4028
SFLSR
TXFLL
SFLSR
TXFLL
SFLSR
TXFLL
(1)
The transmission control register (TCR) and the trigger level register (TLR) are accessible only when EFR[4]=1 and MCR[6]=1.
(2)
MCR[7:5] and FCR[5:4] can only be written when EFR[4]=1.
(3)
In UART modes, IER[7:4] can only be written when EFR[4]=1. In IrDA/CIR modes, EFR[4] has no impact on the access to IER[7:4].
284
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com