Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
17 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.3.7.1
Passive communication mode
Passive communication mode means that the target answers to an initiator command in a
load modulation scheme. The initiator is active meaning generating the RF field.
The contactless UART of CLRC663 and a dedicated host controller are required to handle
the ISO/IEC 18092 passive initiator protocol.
Fig 11. Passive communication mode
Table 12.
Communication overview for Passive communication mode
Communication
direction
106 kbit/s
212 kbit/s
424 kbit/s
Initiator
 target
According to
ISO/IEC 14443A
100 % ASK, Modified
Miller Coded
According to FeliCa, 8 % to 30 % ASK
Manchester Coded
Target
 initiator
According to
ISO/IEC 14443A subcarrier
load modulation,
Manchester Coded
According to FeliCa, > 12 % ASK
Manchester Coded
host
NFC INITIATOR
powered to
generate RF field
1. initiator starts communication
at selected transfer speed
2. targets answers using
load modulated data
at the same transfer speed
host
NFC TARGET
powered for
digital processing
001aan217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com