Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
55 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.10.3 Command functionality
8.10.3.1
Idle command
Command (00h);
This command indicates that the CLRC663 is in idle mode. This command is also used to
terminate the actual command.
8.10.3.2
LPCD command
Command (01h);
This command performs a low-power card detection and or an automatic trimming of the
LPO. The values of the sampled I and Q channel are stored in the register map. The value
is compared with the min/max values in the register. If it exceeds the limits, an LPCD_Irq
will be raised. After the command the standby is activated if selected.
8.10.3.3
Load key command
Command (02h), Parameter1 (key byte1),..., Parameter6 (key byte6);
Loads a MIFARE Key (6 bytes) for Authentication from the FIFO into the crypto unit.
Abort condition: Less than 6 bytes written to the FIFO.
8.10.3.4
MFAuthent command
Command (03h), Parameter1 (Authentication command code 60h or 61h), Parameter2
(block address), Parameter3 (card serial number byte0), Parameter4 (card serial number
byte1), Parameter5 (card serial number byte2), Parameter6 (card serial number byte3);
This command handles the MIFARE authentication in Reader/Writer mode to enable a
secure communication to any MIFARE classic card.
When the MFAuthent command is active, any FIFO access is blocked. Anyhow if there is
an access to the FIFO, the bit WrErr in the Error register is set.
This command terminates automatically when the MIFARE card is authenticated and the
bit MFCrypto1On is set to logic 1.
LoadReg
0Ch
(EEPROM ddressL), (EEPROM
addressH), RegAdr, (number of
Register to be copied);
reads data from the internal EEPROM and initializes the
CLRC663 registers. EEPROM address needs to be
within EEPROM sector 2
LoadProtocol
0Dh
(Protocol umber RX), (Protocol number
TX);
reads data from the internal EEPROM and initializes the
CLRC663 registers needed for a Protocol change
LoadKeyE2
0Eh
KeyNr;
copies a key of the EEPROM into the key buffer
StoreKeyE2
0Fh
KeyNr, byte1,byte2, byte3, byte4,
byte5,byte6;
stores a MIFARE key (size of 6 bytes) into the EEPROM
ReadRNR
1Ch
-
Copies bytes from the Random Number generator into
the FIFO until the FiFo is full
Soft Reset
1Fh
-
resets the CLRC663
Table 43.
Command set …continued
Command
No.
Parameter (bytes)
Short description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com