Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
12 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
The CLRC663 connection to a host is required to manage the complete
ISO/IEC 14443 A/MIFARE protocol. Figure 6 shows the data coding and framing
according to ISO/IEC 14443A /MIFARE.
The internal CRC coprocessor calculates the CRC value based on ISO/IEC 14443 A
part 3 and handles parity generation internally according to the transfer speed.
Table 5.
Communication overview for ISO/IEC 14443 A/MIFARE reader/writer
Communication
direction
Signal type
Transfer speed
106 kbit/s
212 kbit/s
424 kbit/s
848 kbit/s
Reader to card (send
data from the CLRC663
to a card)
fc = 13.56 MHz
reader side
modulation
100 % ASK
ASK
ASK
ASK
bit encoding
modified Miller
encoding
modified Miller
encoding
modified Miller
encoding
modified Miller
encoding
bit rate [kbit/s]
fc / 128
fc / 64
fc / 32
fc / 16
Card to reader
(CLRC663 receives
data from a card)
card side
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier
frequency
fc / 16fc / 16fc / 16fc / 16
bit encoding
Manchester
encoding
BPSK
BPSK
BPSK
Fig 6.
Data coding and framing according to ISO/IEC 14443 A
001aak585
ISO/IEC 14443 A framing at 106 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
odd
parity
start bit is 1
ISO/IEC 14443 A framing at 212 kBd, 424 kBd and 848 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
even
parity
start bit is 0
burst of 32
subcarrier clocks
even parity at the
end of the frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com