Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors CLRC663 Datasheet HTML 94Page - NXP Semiconductors CLRC663 Datasheet HTML 95Page - NXP Semiconductors CLRC663 Datasheet HTML 96Page - NXP Semiconductors CLRC663 Datasheet HTML 97Page - NXP Semiconductors CLRC663 Datasheet HTML 98Page - NXP Semiconductors CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
96 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.13 Clock configuration
9.13.1 SerialSpeed
This register allows to set speed of the RS232 interface. The default speed is set to
9,6kbit/s. The transmission speed of the interface can be changed by modifying the
entries for BR_T0 and BR_T1. The transfer speed can be calculated by using the
following formulas:
BR_T0 = 0: transfer speed = 27.12 MHz / (BR_T1 + 1)
BR_T0 > 0: transfer speed = 27.12 MHz / (BR_T1 + 33) / 2^(BR_T0
 1)
The framing is implemented with 1 startbit, 8 databits and 1 stop bit. A parity bit is not
used. Transfer speeds above 1228,8 kbit/s are not supported.
Table 164. RxAna bits
Bit
Symbol
Description
7, 6
VMid_r_setl
Factory trim value, needs to be 0
5, 4
RFU
3, 2
rcv_hpcf
The rcv_hpcf [1:0] signals allow 4 different settings of the base band
amplifier lower cut-off frequency from ~40 kHz to ~300 kHz.
1 to 0
rcv_gain
With rcv_gain[1:0] four different gain settings from 30 dB and 60 dB
can be configured (differential output voltage/differential input voltage)
Table 165. Effect of gain and highpass corner register settings
rcv_gain
(Hex.)
rcv_hpcf
(Hex.)
fl (kHz)
fU (MHz)
gain (dB20)
bandwith
(MHz)
03
00
38
2,3
60
2,3
03
01
79
2,4
59
2,3
03
02
150
2,6
58
2,5
03
03
264
2,9
55
2,6
02
00
41
2,3
51
2,3
02
01
83
2,4
50
2,3
02
02
157
2,6
49
2,4
02
03
272
3,0
41
2,7
01
00
42
2,6
43
2,6
01
01
84
2,7
42
2,6
01
02
157
2,9
41
2,7
01
03
273
3,3
39
3,0
00
00
43
2,6
35
2,6
00
01
85
2,7
34
2,6
00
02
159
2,9
33
2,7
00
03
276
3,4
30
3,1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com