Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
82 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7.2.18
T3CounterValHi
High byte of the current counter value the 16-bit Timer3.
9.7.2.19
T3CounterValLo
Low byte of the current counter value the 16-bit Timer3.
9.7.2.20
T4Control
The wake-up timer T4 activates the system after a given time. It can start a low-power
card detection
Table 112. T3ReloadLo bits
Bit
Symbol
Description
7 to 0
T3ReloadLo
Defines the low byte of the reload value of Timer3. With the start event
the timer load the value of the T3ReloadValHi and T3RelaodValLo.
Changing this register affects the timer only at the next start event.
Table 113. T3CounterValHi register (address 21h)
Bit
7
6
5
4
3
2
1
0
Symbol
T3CounterHi
Access
rights
dy
Table 114. T3CounterValHi bits
Bit
Symbol
Description
7 to 0
T3Counter
ValHi
High byte of the current counter value of Timer3.
This value shall not be read out during reception.
Table 115. T3CounterValLo register (address 22h)
Bit
7
6
5
4
3
2
1
0
Symbol
T3CounterValLo
Access
rights
dy
Table 116. T3CounterValLo bits
Bit
Symbol
Description
7 to 0
T3Counter
ValLo
Low byte current counter value of Timer3.
This value shall not be read out during reception.
Table 117. T4Control register (address 23h)
Bit
7
6
5
4
3
2
1
0
Symbol
T4Running
T4Start
StopNow
T4Auto
Trimm
T4Auto
LPCD
T4Auto
Restart
T4AutoWakeUp
T4Clk
Access
rights
dy
w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com