Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
74 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7 Timer configuration registers
9.7.1 TControl
Control register of the timer section.
The TControl implements a special functionality to avoid the not intended modification of
bits.
Bit 3..0 indicates, which bits in the positions 7..4 are intended to be modified.
Example: writing FFh sets all bits 7..4, writing F0h does not change any of the bits 7..4
9.7.2 T0Control
Control register of the Timer0.
Table 75.
TControl register (address 0Eh)
Bit
7
6
5
4
3
2
1
0
Symbol
T3Running
T2Running
T1Running
T0Running
T3Start
StopNow
T2Start
StopNow
T1Start
StopNow
T0Start
StopNow
Access
rights
dy
dy
dy
dy
w
w
w
w
Table 76.
TControl bits
Bit
Symbol
Description
7
T3Running
Indicates Timer3 is running.If the bit T3startStopNow is set, this bit and
the timer can be started/stopped
6
T2Running
Indicates Timer2 is running. If the bit T2startStopNow is set, this bit
and the timer can be started/stopped
5
T1Running
Indicates tTmer1 is running. If the bit T1startStopNow is set, this bit
and the timer can be started/stopped
4
T0Running
Indicates Timer0 is running. If the bit T0startStopNow is set, this bit
and the timer can be started/stopped
3T3StartStop
Now
The bit 7 of TControl T3Running can be modified if set
2T2StartStop
Now
The bit 6of TControl T2Running can be modified if set
1T1StartStop
Now
The bit 5of TControl T1Running can be modified if set
0T0StartStop
Now
The bit 4 of TControl T0Running can be modified if set
Table 77.
T0Control register (address 0Fh);
Bit
7
6
5
4
3
2
1
0
Symbol
T0StopRx
-
T0Start
T0AutoRestarted
-
T0Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com