Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
15 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
[1]
Fast inventory (page) read command only (ICODE proprietary command).
Table 9.
Communication overview for ISO/IEC 15693 reader/writer reader to label
Communication
direction
Signal type
Transfer speed
fc / 8192 kbit/s
fc / 512 kbit/s
Reader to label (send
data from the
CLRC663 to a card)
reader side
modulation
10 % to 30 % ASK or
100 % ASK
10 % to 30 % ASK 90 %
to 100 % ASK
bit encoding
1/256
1/4
bit length
4.833 ms
302.08 ms
Table 10.
Communication overview for ISO/IEC 15693 reader/writer label to reader
Communication
direction
Signal type Transfer speed
6.62 (6.67) kbit/s 13.24
kbit/s[1]
26.48
(26.69) kbit/s
52.96 kbit/s
Label to reader
(CLRC663
receives data
from a card)
fc = 13.56 MHz
card side
modulation
not supported
not supported single (dual)
subcarrier
load
modulation
ASK
single
subcarrier
load
modulation
ASK
bit length
(ms)
-
-
37.76 (3.746)
18.88
bit encoding -
-
Manchester
coding
Manchester
coding
subcarrier
frequency
[MHz]
--
fc / 32
(fc / 28)
fc / 32
Fig 10.
Data coding according to ISO/IEC 15693. standard mode reader to label
001aam272
pulse
modulated
carrier
~9.44
μs
0 1 2 3 4
~18.88
μs
. 2 . . .
.
.
.
.
.
. . . .
. . . . .
2
2
.
.
.
.
.
2 2
25
55 5
5
~4,833 ms
3
24 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com