Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 94Page - NXP Semiconductors CLRC663 Datasheet HTML 95Page - NXP Semiconductors CLRC663 Datasheet HTML 96Page - NXP Semiconductors CLRC663 Datasheet HTML 97Page - NXP Semiconductors CLRC663 Datasheet HTML 98Page - NXP Semiconductors CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
98 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.13.3 PLL_Ctrl Register
The PLL_Ctrl register implements the control register for the IntegerN PLL. Two stages
exist to create the ClkOut signal from the 27,12MHz input. In the first stage the 27,12Mhz
input signal is multiplied by the value defined in PLLDiv_FB and divided by two, and the
second stage divides this frequency by the value defined by PLLDIV_Out.
9.13.4 PLLDiv_Out
Table 171. PLL_Ctrl register (address3Dh)
Bit
7
6
5
4
3
2
1
0
Symbol
ClkOutSel
ClkOut_En
PLL_PD
PLLDiv_FB
Access
rights
r/w
r/w
r/w
r/w
Table 172. PLL_Ctrl register bits
Bit
Symbol
Description
7 to 4
CLkOutSel
• 0h - pin CLKOUT is used as I/O
• 1h - pin CLKOUT shows the output of the analog PLL
• 2h - pin CLKOUT is hold on 0
• 3h - pin CLKOUT is hold on 1
• 4h - pin CLKOUT shows 27.12 MHz from the crystal
• 5h - pin CLKOUT shows 13.56 MHz derived from the crystal
• 6h - pin CLKOUT shows 6.78 MHz derived from the crystal
7h - pin CLKOUT shows 3.39 MHz derived from the crystal
• 8h - pin CLKOUT is toggled by the Timer0 overflow
• 9h - pin CLKOUT is toggled by the Timer1 overflow
• Ah - pin CLKOUT is toggled by the Timer2 overflow
• Bh - pin CLKOUT is toggled by the Timer3 overflow
• Ch...Fh - RFU
3
ClkOut_En
Enables the clock at Pin CLKOUT
2
PLL_PD
PLL power down
1-0
PLLDiv_FB
PLL feedback divider (see table 174)
Table 173. Setting of feedback divider PLLDiv_FB [1:0]
Bit 1
Bit 0
Division
0
0
23 (VCO frequency 312Mhz)
0
1
27 (VCO frequency 366MHz)
1
0
28 (VCO frequency 380Mhz)
1
1
23 (VCO frequency 312Mhz)
Table 174. PLLDiv_Out register (address 3Eh)
Bit
7
6
5
4
3
2
1
0
Symbol
PLLDiv_Out
Access
rights
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com