Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
11 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.3 Contactless interface unit
The contactless interface unit of the CLRC663 supports the following read/write operating
modes:
• ISO/IEC14443A/MIFARE
• ISO/IEC14443B
• FeliCA
• ISO/IEC15693/ICODE
• ICODE EPC UID
• ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
A typical system using the CLRC663 is using a microcontroller to implement the higher
levels of the contactless communication protocol and a power supply (battery or external
supply).
8.3.1 ISO/IEC14443A/MIFARE functionality
The physical level of the communication is shown in Figure 5.
The physical parameters are described in Table 5.
Fig 4.
Read/write mode
001aal996
BATTERY/POWER SUPPLY
reader/writer
MICROCONTROLLER
READER IC
ISO/IEC 14443 A CARD
(1) Reader to Card 100 % ASK, Miller Coded, Transfer speed 106 kbit/s to 848 kbit/s
(2) Card to Reader, Subcarrier Load Modulation Manchester Coded or BPSK, transfer speed
106 kbit/s to 848 kbit/s
Fig 5.
ISO/IEC 14443 A/MIFARE read/write mode communication diagram
(1)
(2)
001aam268
ISO/IEC 14443 A CARD
ISO/IEC 14443 A
READER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com