Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
47 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.7.2.1
Product information and configuration - Page 0
The first EEPROM page includes production data as well as configuration information.
ProductID: Identifier for this CLRC663 product
Version: Silicon Version identifier.
ManufacturerData: This data is programmed during production. The content is not
intended to be used by any application and might be not the same for different devices.
Therefore this content needs to be considered to be undefined.
I2C-Address: Two possibilities exist to define the address of the I2C interface. This can be
done either by configuring the pins IF0, IF2 (address is then 10101xx, xx is defined by the
interface pins IF0, IF2) or by writing value into the I2C address area. The selection, which
of this 2-information pin configuration or EEPROM content - is used as I2C-address is
done at EEPROM address 21h (Interface, bit4)
Interface: This section describes the interface byte configuration.
Table 33.
Production area (Page 0)
Address
(Hex.)
0
1
2
3
4
5
6
7
00
ProductID
Version
ManufacturerData
08
ManufacturerData
10
ManufacturerData
18
ManufacturerData
Table 34.
Configuration area (Page 0)
Address
(Hex.)
0
1
2
3
4
5
6
7
20
I2C_Address
Interface
I2C SAM_Address
DefaultProtRx
DefaultProtTx
-
TxCRCPreset
28
RxCRCPreset
-
-
-
-
-
-
30
-
38
-
Table 35.
Interface byte
Bit
7
6
5
4
3
2
1
0
I2C_HSP
-
-
I2C_Address
Boundary Scan
Host
access rights
r/w
RFU
RFU
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com