Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
78 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7.2.8
T1CounterValHi
High byte (MSB) of the counter value of byte Timer1.
9.7.2.9
T1CounterValLo
Low byte (LSB) of the counter value of byte Timer1.
9.7.2.10
T2Control
Control register of the Timer2.
Table 92.
T1ReloadValLo bits
Bit
Symbol
Description
7 to 0
T1ReloadLo
Defines the low byte of the reload value of the Timer1.With the start
event the timer load the value of the T1ReloadValHi and
T1ReloadValLo. Changing this register affects the timer only at the
next start event.
Table 93.
T1CounterValHi register (address 17h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1CounterValHi
Access
rights
dy
Table 94.
T1CounterValHi bits
Bit
Symbol
Description
7 to 0
T1Counter
ValHi
High byte of the current value of the Timer1.
This value shall not be read out during reception.
Table 95.
T1CounterValLo register (address 18h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1CounterValLo
Access
rights
dy
Table 96.
T1CounterValLo bits
Bit
Symbol
Description
7 to 0
T1Counter
ValLo
Low byte of the current value of the counter 1.
This value shall not be read out during reception.
Table 97.
T2Control register (address 19h)
Bit
7
6
5
4
3
2
1
0
Symbol
T2StopRx
-
T2Start
T2AutoRestart
-
T2Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com