Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors CLRC663 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
90 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.10.3 TxSym10BurstLen
If a protocol requires a burst (an unmodulated subcarrier) the length can be defined with
this TxSymBurstLen, the value high or low can be defined by TxSym10BurstCtrl.
9.10.4 TxWaitCtrl
Table 145. TxSym10BurstLen register (address 30h)
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
Sym1Burst Len
RFU
Sym0Burst Len
Access
rights
-
r/w
-
r/w
Table 146. TxSym10BurstLen bits
Bit
Symbol
Description
7RFU
-
6 to 4
Sym1BurstLen Specifies the number of bits issued for symbol 1 burst. The 3 bits
encodes a range from 8 to 256 bit:
00h - 8bit
01h - 16bit
02h - 32bit
04h - 48bit
05h - 64bit
06h - 96bit
07h - 128bit
08h - 256bit
3RFU
-
2 to 0
Sym0BurstLen Specifies the number of bits issued for symbol 1 burst. The 3 bits
encodes a range from 8 to 256 bit:
00h - 8bit
01h - 16bit
02h - 32bit
03h - 48bit
04h - 64bit
05h - 96bit
06h - 128bit
07h - 256bit
Table 147. TxWaitCtrl register (address 31h); reset value: C0h
Bit
7
6
5
4
3
2
1
0
Symbol
TxWaitStart
TxWaitEtu
TxWait High
TxStopBitLength
Access
rights
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com