Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
16 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.3.5 EPC-UID/UID-OTP functionality
The physical parameters are described in Table 11.
Data coding and framing according to EPC global 13.56 MHz ISM (industrial, scientific
and medical) Band Class 1 Radio Frequency Identification Tag Interface Specification
(Candidate Recommendation, Version 1.0.0).
8.3.6 ISO/IEC 18000-3 mode 3/ EPC Class-1 HF functionality
The ISO/IEC 18000-3 mode 3/ EPC Class-1 HF is not described in this document. For a
detailed explanation of the protocol, refer to the ISO/IEC 18000-3 mode 3/ EPC Class-1
HF standard.
8.3.7 ISO/IEC 18092 mode
The CLRC663 supports Passive Initiator Communication mode at the transfer speeds
106 kbit/s, 212 kbit/s and 424 kbit/s as defined in the ISO/IEC 18092 standard.
• Passive communication mode means that the target answers to an initiator command
in a load modulation scheme. The initiator is active in terms of generating the RF field.
• Initiator: generates RF field at 13.56 MHz and starts the ISO/IEC 18092
communication.
• Target: responds to initiator command either in a load modulation scheme in Passive
communication mode or using a self generated and self modulated RF field for Active
Communication mode.
Table 11.
Communication overview for EPC/UID
Communication
direction
Signal type
Transfer speed
26.48 kbit/s
52.96 kbit/s
Reader to card (send
data from the
CLRC663 to a card)
reader side modulation 10 % to 30 % ASK
bit encoding
RTZ
bit length
37.76
s
Card to reader
(CLRC663 receives
data from a card)
card side modulation
single subcarrier load
modulation
bit length
18.88 ms
bit encoding
Manchester coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com