Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors CLRC663 Datasheet HTML 94Page - NXP Semiconductors CLRC663 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
91 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
Table 148. TXWaitCtrl bits
Bit
Symbol
Description
7
TxWaitStart
If cleared, the TxWait time is starting at the End of the send data
(TX)
If set, the TxWait time is starting at the End of the received data
(RX)
6
TxWaitEtu
If cleared, the TxWait time is TxWait
 16/13.56 MHz
If set, the TxWait time is TxWait
 0.5 / DBFreq (DBFreq is the
frequency of the bit stream as defined by TxDataCon)
5 to 3
TxWait High
Bit extension of TxWaitLo. TxWaitCtrl bit 5 is MSB.
2 to 0
TxStopBitLength
Defines stop-bits and EGT (= stop-bit + extra guard time EGT) to
be send
0h: no stop-bit, no EGT
1h: 1 stop-bit, no EGT
2h: 1 stop-bit + 1 EGT
3h: 1 stop-bit + 2 EGT
4h: 1 stop-bit + 3 EGT
5h: 1 stop-bit + 4 EGT
6h: 1 stop-bit + 5 EGT
7h: 1 stop-bit + 6 EGT
Note: This is only valid for ISO/IEC14443 Type B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com