Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors CLRC663 Datasheet HTML 23Page - NXP Semiconductors CLRC663 Datasheet HTML 24Page - NXP Semiconductors CLRC663 Datasheet HTML 25Page - NXP Semiconductors CLRC663 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
22 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
The selectable transfer speeds as shown are calculated according to the following
formulas:
if BR_T0 = 0: transfer speed = 27.12 MHz / (BR_T1 + 1)
if BR_T0 > 0: transfer speed = 27.12 MHz / (BR_T1 + 33)/2(BR_T0  1)
Remark: Transfer speeds above 1228.8 KBits/s are not supported.
8.4.3.2
Framing
Remark: For data and address bytes the LSB bit has to be sent first. No parity bit is used
during transmission.
Read data: To read out data using the UART interface the flow described below has to be
used. The first send byte defines both the mode itself and the address.The Trigger on pin
IF3 has to be set, otherwise no read of data is possible.
38.4
AB
0.32
57.6
9A
0.25
115.2
7A
0.25
128
74
0.06
230.4
5A
0.25
460.8
3A
0.25
921.6
1C
1.45
1228.8
15
0.32
Table 20.
Selectable transfer speeds
Transfer speed (kbit/s)
Serial SpeedReg
Transfer speed accuracy (%)
(Hex.)
Table 21.
UART framing
Bit
Length
Value
Start bit (Sa)
1 bit
0
Data bits
8 bit
Data
Stop bit (So)
1 bit
1
Table 22.
Byte Order to Read Data
Mode
byte 0
byte 1
RX
address
-
TX
-
data 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com