Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
76 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7.2.3
T0CounterValHi
High byte of the counter value of Timer0.
9.7.2.4
T0CounterValLo
Low byte of the counter value of Timer0.
9.7.2.5
T1Control
Control register of the Timer1.
Table 82.
T0ReloadLo bits
Bit
Symbol
Description
7 to0
T0ReloadLo
Defines the low byte of the reload value of the timer. With the start
event the timer loads the value of the T0ReloadValHi, T0ReloadValLo.
Changing this register affects the timer only at the next start event.
Table 83.
T0CounterValHi register (address 12h)
Bit
7
6
5
4
3
2
1
0
Symbol
T0CounterHi
Access
rights
dy
Table 84.
T0CounterValHi bits
Bit
Symbol
Description
7to0
T0Counter
ValHi
High byte value of the Timer0.
This value shall not be read out during reception.
Table 85.
T0CounterValLo register (address 13h)
Bit
7
6
5
4
3
2
1
0
Symbol
T0CounterValLo
Access
rights
dy
Table 86.
T0CounterValLo bits
Bit
Symbol
Description
7 to 0
T0CounterValLo
Low byte value of the Timer0.
This value shall not be read out during reception.
Table 87.
T1Control register (address 14h);
Bit
7
6
5
4
3
2
1
0
Symbol
T1StopRx
-
T1Start
T1AutoRestart
-
T1Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com