Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
58 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
Read a defined number of bytes from the EEPROM and copies the value into the Register
set, beginning at the given address RegAdr.
Abort condition: Insufficient parameter in FIFO; Address parameter outside of range.
8.10.3.13
LoadProtocol command
Command (0Dh), Parameter1, (Protocol number RX), Parameter2 (Protocol number TX);
Reads out the EEPROM and copies the values to the RX-Protected area and to the TX-
protected area. These are all important registers to a Protocol selection.
Abort condition: Insufficient parameter in FIFO
[1]
For more protocol details please refer to Section 8 “Functional description”.
8.10.3.14
LoadKeyE2 command
Command (0Eh), Parameter1 (key number);
Loads a MIFARE key for authentication from the EEPROM into the crypto 1 unit.
Abort condition: Insufficient parameter in FIFO; KeyNr is outside the MKA.
Table 44.
Predefined protocol overview[1]
Protocol
Number
(decimal)
Protocol
Transmitter
speed [kbits/s]
Modulation
Receiver
speed [kbits/s]
Modulation
00
ISO/IEC14443 A
106
Miller
106
Manchester SubC
01
ISO/IEC14443 A
212
Miller
212
BPSK
02
ISO/IEC14443 A
424
Miller
424
BPSK
03
ISO/IEC14443 A
848
Miller
848
BPSK
04
ISO/IEC14443 B
106
NRZ
106
BPSK
05
ISO/IEC14443 B
212
NRZ
212
BPSK
06
ISO/IEC14443 B
424
NRZ
424
BPSK
07
ISO/IEC14443 B
848
NRZ
848
BPSK
08
FeliCa
212
Manchester
212
Manchester
09
FeliCa
424
Manchester
424
Manchester
10
ISO/IEC15693
1/4
26
SSC
11
ISO/IEC15693
1/4
26
DSC
12
ISO/IEC15693
1/256
52
SSC
13
EPC/UID
Unitray
26
SSC
14
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
Tari, ASK, PIE
2/424
15
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
Tari, ASK, PIE
4/424
16
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
Tari, ASK, PIE
2/848
17
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
Tari, ASK, PIE
4/848
18
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com