Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
48 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
I2C_SAM_Address: The I2C SAM Address is always defined by the EEPROM content.
: The Register Set Protocol (RSP) Area contains settings for the TX registers (16 bytes)
and for the RX registers (8 bytes).
TxCrcPreset: The data bits send by the analog module of the are automatically extended
by a CRC.
8.7.3 EEPROM initialization content LoadProtocol
The CLRC663 EEPROM is initialized at production with default values which are used to
reset the registers of the CLRC663 by copying the EEprom content to the registers. Note
that the addresses used for copying reset values from EEprom to registers are dependent
on the configured protocol and can be changed by the user.
Table 36.
Interface bits
Bit
Symbol
Description
7
I2C_HSP
when cleared, the high speed mode is used
when set, the high speed+ mode is used (default)
6, 5
RFU
-
4I2C_Address
when cleared, the pins are used (default)
when set, the EEPROM is used
3
Boundary
Scan
when cleared, the boundary scan interface is ON (default)
when set, the boundary scan is OFF
2 to 0
Host
000b - RS232
001b - I2C
010b - SPI
011b - I2CL
1xxb - pin selection
Table 37.
Tx and Rx arrangements in the register set protocol area
Section
Section 4 TX
Tx0
Tx1
TX2
Tx3
Section 4 TX
Tx4
Tx5
TX6
TX7
Section 4 Rx
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
Section 4 Rx
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
Table 38.
Register reset values (Hex.) (Page0)
Address
0
1
2
3
4
5
6
7
Function
Product ID
Version
Factory trim values
00
00
01
01
XX
XX
XX
XX
XX
Function
Factory trim values
08
XX
XX
XX
XX
XX
XX
XX
XX
Function
TrimLPO
Factory trim values
10
XX
XX
XX
XX
XX
XX
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com