Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
81 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7.2.16
T3ReloadHi
High byte of the reload value of Timer3.
9.7.2.17
T3ReloadLo
Low byte of the reload value of Timer3.
Table 108. T3Control bits
Bit
Symbol
Description
7
T3StopRx
If set, the timer stops immediately after receiving the first 4 bits. If
cleared, indicates that the timer is not stopped automatically.
Note: If LFO Trimming is selected by T3Start, this bit has no effect
6-
RFU
5 to 4
T3Start
00b - timer is not started automatically
01b - timer starts automatically at the end of the transmission
10b - timer is used for LFO trimming without underflow (Start/Stop on
PosEdge)
11b - timer is used for LFO trimming with underflow (Start/Stop on
PosEdge)
3
T3AutoRestart Set to logic 1, the timer automatically restarts its countdown from
T3ReloadValue, after the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops.
The bit Timer1IRq is set to logic 1 when the timer underflows
2-
RFU
1 to 0
T3Clk
00b - the timer input clock is 13.56 MHz.
01b - the timer input clock is 211,875 kHz.
10b - the timer input clock is an underflow of Timer0
11b - the timer input clock is an underflow of Timer1
Table 109. T3ReloadHi register (address 1Fh);
Bit
7
6
5
4
3
2
1
0
Symbol
T3ReloadHi
Access
rights
r/w
Table 110. T3ReloadHi bits
Bit
Symbol
Description
7 to 0
T3ReloadHi
Defines the high byte of the reload value of the Timer3. With the start
event the timer load the value of the T3ReloadValHi and
T3ReloadValLo. Changing this register affects the timer only at the
next start event.
Table 111. T3ReloadLo register (address 20h)
Bit
7
6
5
4
3
2
1
0
Symbol
T3ReloadLo
Access
rights
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com