Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
37 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.6 Analog interface and contactless UART
8.6.1 General
The integrated contactless UART supports the external host online with framing and error
checking of the protocol requirements up to 848 kbit/s. An external circuit can be
connected to the communication interface pins SIGIN and SIGOUT to modulate and
demodulate the data.
The contactless UART handles the protocol requirements for the communication schemes
in co-operation with the host. The protocol handling itself generates bit- and byte-oriented
framing and handles error detection like Parity and CRC according to the different
contactless communication schemes.
The size, the tuning of the antenna, and the supply voltage of the output drivers have an
impact on the achievable field strength. The operating distance between reader and card
depends additionally on the type of card used.
8.6.2 TX transmitter
The signal delivered on pin TX1 and pin TX2 is the 13.56 MHz carrier modulated by an
envelope signal for energy and data transmission. It can be used to drive an antenna
directly, using a few passive components for matching and filtering, see Section 14
“Application information”. The signal on TX1 and TX2 can be configured by the register
DrvMode, see Section 9.8.1 “TxMode”.
The modulation index can be set by the TxAmp.
Following figure shows the general relations during modulation
Note: When changing the continuous wave, the residual carrier also changes, while the
modulation index remains the same.
Fig 25. General dependences of modulation
001aan355
time
influenced by set_clk_mode
envelope
TX ASK100
1: Defined by set_cw_amplitude.
2: Defined by set_residual_carrier.
TX ASK10
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com