Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
89 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.10.2 TxDATAModWidth
Transmitter data modulation width register
Table 143. TxDataModWidth register (address 2Fh)
Bit
7
6
5
4
3
2
1
0
Symbol
DModWidth
Access
rights
r/w
Table 144. TxDataModWidth bits
Bit
Symbol
Description
7 to 0
DModWidth
Specifies the length of a pulse for sending data with enabled pulse
modulation. The length is given by the number of carrier clocks + 1.
A pulse can never be longer than from the start of the pulse to the end
of the bit. The starting position of a pulse is given by the setting of
TxDataMod.DPulseType. Note: This register is only used if Miller
modulation (ISO/IEC 14443A PCD) is used. The settings are also
used for the modulation width of start and/or stop symbols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com