Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 23Page - NXP Semiconductors CLRC663 Datasheet HTML 24Page - NXP Semiconductors CLRC663 Datasheet HTML 25Page - NXP Semiconductors CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors CLRC663 Datasheet HTML 29Page - NXP Semiconductors CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
27 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
Alternatively the I2C address can be configured in the EEPROM. Several address
numbers are reserved for this purpose. During device configuration, the designer has to
ensure, that no collision with these reserved addresses in the system is possible. Check
the corresponding I2C specification for a complete list of reserved addresses.
For all CLRC663 devices the upper 5 bits of the device bus address are reserved by NXP
and set to 01010(bin). The remaining 2 bits (ADR_2, ADR_1) of the slave address can be
freely configured by the customer in order to prevent collisions with other I2C devices by
using the interface pins (refer to Table 14) or the value of the I2C address EEPROM
register (refer to Table 34).
8.4.4.7
I2C-register write access
To write data from the host controller via I2C to a specific register of the CLRC663 the
following frame format shall be used.
The first byte of a frame indicates the device address according to the I2C rules. The
second byte indicates the register address followed by up to n-data bytes. In case the
address indicates the FIFO, in one frame all n-data bytes are written to the FIFO register
address. This enables for example a fast FIFO access. For any other address, the
address pointer is incremented automatically and data is written to the locations [address],
[address+1], [address+2]... [address+(n-1)]
The read/write bit shall be set to logic 0.
8.4.4.8
I2C-register read access
To read out data from a specific register address of the CLRC663 the host controller shall
use the procedure:
First a write access to the specific register address has to be performed as indicated in the
following frame:
The first byte of a frame indicates the device address according to the I2C rules. The
second byte indicates the register address. No data bytes are added.
The read/write bit shall be logic 0.
Having performed this write access, the read access starts. The host sends the device
address of the CLRC663. As an answer to this device address the CLRC663 responds
with the content of the addressed register. In one frame n-data bytes could be read using
the same register address. The address pointing to the register is incremented
automatically (exception: FIFO register address is not incremented automatically). This
enables a fast transfer of register content. The address pointer is incremented
automatically and data is read from the locations [address], [address+1], [address+2]...
[address+(n-1)]
Fig 21. First byte following the START procedure
001aam304
Bit 6
Bit 5
Bit 4
slave address
Bit 3
Bit 2
Bit 1
Bit 0
R/W
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com