Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors CLRC663 Datasheet HTML 88Page - NXP Semiconductors CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
88 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.10 Transmitter configuration registers
9.10.1 TxDataNum
3 to 2
RxCRCtype
Defines which type of CRC (CRC8/CRC16/CRC5) is calculated:
• 00h -- CRC5
• 01h -- CRC8
• 02h -- CRC16
• 03h -- RFU
1
RxCrcInvert
If set, the CRC check is done for the inverted CRC.
0
RxCrcEn
If set, the CRC is checked and in case of a wrong CRC an error flag is
set. Otherwise the CRC is calculated but the error flag is not modified.
Table 140. Receiver CRC preset value configuration
RXPresetVal[6...4]
CRC16
CRC8
CRC5
0h
0000h
00h
00h
1h
6363h
12h
12h
2h
A671h
BFh
-
3h
FFFEh
FDh
-
4h
---
5h
---
6h
User defined
User defined
User defined
7h
FFFFh
FFh
1Fh
Table 139. RxCrcCon bits
Bit
Symbol
Description
Table 141. TxDataNum register (address 2Eh)
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
RFU-
RFU-
KeepBitGrid
DataEn
TxLastBits
Access
rights
r/w
r/w
r/w
Table 142. TxDataNum bits
Bit
Symbol
Description
7to5
RFU
-
4
KeepBitGrid
If set, the time between consecutive transmissions starts is a multiple
of the ETU.
3
DataEn
If cleared - it is possible to send a single symbol pattern
If set - data is sent
2 to 0
TxLastBits
Defines how many bits of the last data byte to be sent. If set to 000b all
bits of the last data byte are sent.
Note - bits are skipped at the end of the byte.
Example - Data byte B2h (sent LSB first).
TxLastBits = 011b (3h) => 010b (LSB first) is sent
TxLastBits = 110b (6h) => 010011b (LSB first) is sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com