Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
57 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
Remark: If the bit RxMultiple in the RxModeReg register is set to logic 1, the Receive
command does not terminate automatically. It has to be terminated by activating any other
command in the CommandReg register (see Section 9.17.6 “RxMod”).
8.10.3.7
Transmit command
Command (06h);
The content of the FIFO is transmitted immediately after starting the command. Before
transmitting the FIFO content all relevant register have to be set to transmit data.
This command terminates automatically when the FIFO gets empty. It can be terminated
by any other command written to the command register.
8.10.3.8
Transceive command
Command (07h);
This command transmits data from the FIFO and receives data from the RF field once.
The first action is transmitting and after a transmission the command is changed to
receive a data stream.
Each transmission process starts by writing the command into CommandReg.
Remark: If the bit RxMultiple in register RxModeReg is set to logic 1, this command will
never leave the receiving state, because the receiving will not be cancelled automatically.
8.10.3.9
WriteE2 command
Command (08h), Parameter1 (addressL), Parameter2 (addressH), Parameter3 (data);
This command writes one byte into the EEPROM. If the FIFO contains no data, the
command will wait until the data is available
Abort condition: insufficient parameter in FIFO; Address-parameter outside of range
8.10.3.10
WriteE2PAGE command
Command (09h), Parameter1 (page address), Parameter2 (data0), Parameter3...65
[data1 ..data63];
This command writes up to 64 bytes into the EEPROM.
Abort condition: Insufficient parameters in FIFO; Page address parameter outside of
range.
8.10.3.11
ReadE2 command
Command (0Ah), Parameter1 (addressL), Parameter2 (addressH), Parameter3 (length);
Reads up to 256 bytes from the EEPROM to the FIFO. If a read operation exceeds the
address 1FFFh, the read operation continues from address 0000h.
Abort condition: Insufficient parameter in FIFO; Address parameter outside of range.
8.10.3.12
LoadReg command
Command (0Ch), Parameter1 (EEPROM addressL),Parameter2 (EEPROM addressH),
Parameter3 (RegAdr), Parameter4 (number);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com