Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
14 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.3.3 FeliCa functionality
The FeliCa mode is the general reader/writer to card communication scheme according to
the FeliCa specification. The communication on a physical level is shown in Figure 9.
The physical parameters are described in Table 7.
The CLRC663 needs to be connected to a host to be able to support the complete FeliCa
protocol.
8.3.3.1
FeliCa framing and coding
To enable the FeliCa communication a 6 byte preamble (00h, 00h, 00h, 00h, 00h, 00h)
and 2 bytes sync bytes (B2h, 4Dh) are sent to synchronize the receiver.
The following Len byte indicates the length of the sent data bytes plus the LEN byte itself.
The CRC calculation is done according to the FeliCa definitions with the MSB first.
To transmit data on the RF interface, the host controller has to send the Len- and data-
bytes to the CLRC663's FIFO-buffer. The preamble and the sync bytes are generated by
the CLRC663 automatically and must not be written to the FIFO by the host controller.
The CLRC663 performs internally the CRC calculation and adds the result to the data
frame.
8.3.4 ISO/IEC15693 functionality
The physical parameters are described in Table 9.
Fig 9.
FeliCa read/write communication diagram
Table 7.
Communication overview for FeliCa reader/writer
Communication
direction
Signal type
Transfer speed FeliCa
FeliCa higher transfer
speeds
212 kbit/s
424 kbit/s
Reader to card (send
data from the CLRC663
to a card)
fc = 13.56 MHz
reader side
modulation
8 % to 30 % ASK
8 % to 30 % ASK
bit encoding
Manchester encoding
Manchester encoding
bit rate
fc/64
fc/32
Card to reader (CLRC663
receives data from a
card)
card side load
modulation
30/H^1.2
(H = field strength [A/m])
30/H^1.2
(H = field strength [A/m])
bit encoding
Manchester encoding
Manchester encoding
001aam271
FeliCa READER
(PCD)
FeliCa CARD
(PICC)
1. PCD to PICC 8-30 % ASK
Manchester Coded,
baudrate 212 to 424 kbaud
2. PICC to PCD, >12 % Loadmodulation
Manchester Coded,
baudrate 212 to 424 kbaud
Table 8.
FeliCa framing and coding
Preamble (Hex.)
Sync
(Hex.)
Len
n-Data
CRC
00
00
00
00
00
00
B2
4D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com