Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 96Page - NXP Semiconductors CLRC663 Datasheet HTML 97Page - NXP Semiconductors CLRC663 Datasheet HTML 98Page - NXP Semiconductors CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
100 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.14.2 LPCD_QMax
9.14.3 LPCD_IMin
9.14.4 LPCD_Result_I
Table 179. LPCD_QMax register (address 40h)
Bit
7
6
5
4
3
2
1
0
Symbol
LPCD_IMax.3
LPCD_IMax.2
LPCD_QMax
Access
rights
r/w
r/w
r/w
Table 180. LPCD_QMax bits
Bit
Symbol
Description
7
LPCD_IMax.3
Defines the bit 3 of the high border for the LPCD. If the measurement
value of the I channel is higher than LPCD IMax, a LPCD IRQ is
raised
6
LPCD_IMax.2
Defines the bit 2 of the high border for the LPCD. If the measurement
value of the I channel is higher than LPCD IMax, a LPCD IRQ is
raised
5 to 0
LPCD_QMax
Defines the high border for the LPCD. If the measurement value of
the Q channel is higher than LPCD QMax, a LPCD IRQ is raised
Table 181. LPCD_IMin register (address 41h)
Bit
7
6
5
4
3
2
1
0
Symbol
LPCD_IMax.1
LPCD_IMax.0
LPCD_IMin
Access
rights
r/w
r/w
r/w
Table 182. LPCD_IMin bits
Bit
Symbol
Description
7 to 6
LPCD_IMax
Defines lowest two bits of the higher border for the low-power card
detection (LPCD). If the measurement value of the I channel is higher
than LPCD IMax, a LPCD IRQ is raised.
5 to 0
LPCD_IMin
Defines the lower border for the ow power card detection. If the
measurement value of the I channel is lower than LPCD IMin, a LPCD
IRQ is raised.
Table 183. LPCD_Result_I register (address 42h)
Bit
7
6
5
4
3
2
1
0
Symbol
RFU-
RFU-
LPCD_Result_I
Access
rights
--
r
Table 184. LPCD_I_Result bits
Bit
Symbol
Description
7 to 6
RFU
-
5 to 0
LPCD_Result_I Shows the result of the last low-power card detection (I-Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com