Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
103 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.16 Transmitter configuration registers
9.16.1 TxBitMod
Table 194. SigOut bits
Bit
Symbol
Description
7
PadSpeed
If set, the I/O pins are supporting a fast switching mode.The fast mode
for the I/O’s will increase the peak current consumption of the device,
especially if multiple I/Os are switching at the same time. The power
supply needs to be designed to deliver this peak currents.
6 to 4
RFU
-
3 to 0
SIGOutSel
0h, 1h - The pin SIGOUT is 3-state
2h - The pin SIGOUT is 0
3h - The pin SIGOUT is 1
4h - The pin SIGOUT shows the TX-envelope
5h - The pin SIGOUT shows the TX-active signal
6h - The pin SIGOUT shows the S3C (generic) signal
7h - The pin SIGOUT shows the RX-envelope
(only valid for ISO/IEC 14443A, 106 kBd)
8h - The pin SIGOUT shows the RX-active signal
9h - The pin SIGOUT shows the RX-bit signal
Table 195. TxBitMod register (address 48h)
Bit
7
6
5
4
3
2
1
0
Symbol
TxMSBFirst
RFU
TxParity
Type
RFU
TxStopBitType
RFU
TxStartBitType
TxStartBitEn
Access
rights
r/w
-
r/w
-
r/w
-
r/w
r/w
Table 196. TxBitMod bits
Bit
Symbol
Description
7
TxMSBFirst
If set, data is interpreted MSB first for data transmission. If cleared,
data is interpreted LSB first.
6RFU
-
5
TxParityType
Defines the type of the parity bit. If set to 1, odd parity is calculated,
otherwise even parity is calculated
4RFU
-
3
TxStopBitType Defines the type of the stop-bit (0b: logic zero / 1b: logic one)
2RFU
-
1
TxStartBitType Defines the type of the start-bit (0b: logic zero / 1b: logic one)
0
TxStartBitEn
If set to 1, a start-bit will be sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com