Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors CLRC663 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
105 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.16.4 TxSymFreq
Table 200. TxDataMod bits
Bit
Symbol
Description
7
Framestep
If set to 1, at every start of transmission, each byte of data is sent in a
separate frame. SOF and EOF is appended to the data byte according
to the framing settings. After one byte is transmitted, the TxEncoder
waits for a new start trigger to continue with the next byte (trigger is
generated automatically). If set to 0, transmission is done in the used
way, where after a start trigger all data bytes are sent and the framing
is done for the complete data stream only once.
6
DMillerEn
If set, pulse modulation is applied according to modified miller code.
Note: This bit is intended to be set if DPulseType is 1h
5 to 4
DPulseType
Specifies which type of pulse modulation is selected.
0h - no pulse modulation
1h - pulse starts at beginning of bit
2h - pulse starts at beginning of second bit half
3h - pulse starts at beginning of third bit quarter
Note: If DMillerEn is set, DPulseType must be set to 1h
3
DInvert
If set the envelope of data is inverted.
2 to 0
DEnvType
Specifies the type of envelope used for transmission of data packets.
The selected envelope type is applied to the pseudo bit stream.
0h - Direct output
1h - Manchester code
2h - Manchester code with subcarrier
3h - BPSK
4h - RZ (pulse of half bit length at beginning of second half of bit)
5h - RZ (pulse of half bit length at beginning of bit)
6h - RFU
7h - RFU
Table 201. TxSymFreq (address 4Ch)
Bit
7
6
5
4
3
2
1
0
Symbol
S32SCFreq
S32BFreq
S10SCFreq
S10BFreq
Access
rights
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com