Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
104 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.16.2 TxDataCon
9.16.3 TxDataMOD
Table 197. TxDataCon (address 4Ah)
Bit
7
6
5
4
3
2
1
0
Symbol
DCodeType
DSCFreq
DSCFreq
Access
rights
r/w
r/w
r/w
Table 198. TxDataCon bits
Bit
Symbol
Description
7 to 4
DCodeType
specifies the type of encoding of data to be used
0h - no special coding
1h - collider datastream is decoded
2h - RFU 3h - RFU
4h - return to zero code - pulse at first position
5h - return to zero code - pulse at 2nd position
6h - return to zero code - pulse at 3rd position
7h - return to zero code - pulse at 4th position
8h - 1 out of 4 coding
9h - 1 out of 256 code (range 0 - 255) [ICODE SLI]
Ah - 1 out of 256 code (range 0 - 255; 00h is encoded with no
modulation, value 256 not used) [ICODE 1]
Bh - 1 out of 256 code (range 0 - 255; 00h is encoded with a pulse on
last position) [I Code quite value]
Ch- Pulse internal encoded (PIE) [ISO/IEC 18000-3 mode 3/ EPC
Class-1HF]
Dh - RFU
Eh - RFU
Fh - RFU
3
DSCFreq
Specifies the subcarrier frequency of the used envelope.
0h - 424 kHz
1h - 848 kHz
Note: This setting is only relevant if an envelope is used which
involves a subcarrier, e.g. Manchester with subcarrier coding.
2 to 0
DBFreq
Specifies the frequency of the bit stream
0h - RFU
1h - RFU
2h - 26 kHz
3h - 53 kHz
4h - 106 kHz
5h - 212 kHz
6h - 424 kHz
7h - 848 kHz
Table 199. TxDataMod register (address 4Bh)
Bit
7
6
5
4
3
2
1
0
Symbol
Frame step
DMillerEn
DPulseType
DInvert
DEnvType
Access
rights
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com