Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors CLRC663 Datasheet HTML 109Page - NXP Semiconductors CLRC663 Datasheet HTML 110Page - NXP Semiconductors CLRC663 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
107 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.16.6 TxSym
The two Registers TxSym1H and TxSym1L create a 16 bit register that contains the
pattern for Symbol1.
9.16.7 TxSym2
9.16.8 TxSym3
Table 207. TxSym1H (address 4Fh)
Bit
7
6
5
4
3
2
1
0
Symbol
Symbol1_H
Access
rights
r/w
Table 208. TxSym1H bits
Bit
Symbol
Description
7 to 0
Symbol1_H
Higher 8 bits of symbol definition for Symbol1
Table 209. TxSym1L (address 50h)
Bit
7
6
5
4
3
2
1
0
Symbol
Symbol1_L
Access
rights
r/w
Table 210. TxSym1L bits
Bit
Symbol
Description
7 to 0
Symbol1_L
Lower 8 bits of symbol definition for Symbol1
Table 211. TxSYM2 (address 51h)
Bit
7
6
5
4
3
2
1
0
Symbol
Symbol2
Access
rights
r/w
Table 212. TxSym2 bits
Bit
Symbol
Description
7 to 0
Symbol2
Symbol definition for Symbol2
Table 213. TxSym3 (address 52h)
Bit
7
6
5
4
3
2
1
0
Symbol
Symbol3
Access
rights
r/w
Table 214. TxSym3 bits
Bit
Symbol
Description
7 to 0
Symbol3
Symbol definition for Symbol3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com