Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 195 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 195 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 191Page - Agere Systems OR3C80 Datasheet HTML 192Page - Agere Systems OR3C80 Datasheet HTML 193Page - Agere Systems OR3C80 Datasheet HTML 194Page - Agere Systems OR3C80 Datasheet HTML 195Page - Agere Systems OR3C80 Datasheet HTML 196Page - Agere Systems OR3C80 Datasheet HTML 197Page - Agere Systems OR3C80 Datasheet HTML 198Page - Agere Systems OR3C80 Datasheet HTML 199Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 210 page
background image
Lucent Technologies Inc.
195
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Package Thermal Characteristics (continued)
FPGA Maximum Junction Temperature
Once the power dissipated by the FPGA has been determined (see the Estimating Power Dissipation section), the
maximum junction temperature of the FPGA can be found. This is needed to determine if speed derating of the
device from the 85 °C junction temperature used in all of the delay tables is needed. Using the maximum ambient
temperature, TAmax, and the power dissipated by the device, Q (expressed in °C), the maximum junction tempera-
ture is approximated by:
TJmax = TAmax + (Q •
ΘJA)
Table 76 lists the plastic package thermal characteristics for the
ORCA Series FPGAs.
Table 76. Plastic Package Thermal Characteristics for the
ORCA Series1
1. Mounted on 4-layer JEDEC standard test board with two power/ground planes.
2. With thermal balls connected to board ground plane.
3. Without thermal balls connected to board ground plane.
Package
ΘJA (°C/W)
TA = 70 °C max
TJ = 125 °C max
@ 0 fpm (W)
0 fpm
200 fpm
500 fpm
208-Pin SQFP1
26.5
23.0
21.0
2.1
208-Pin SQFP21
12.8
10.3
9.1
4.3
240-Pin SQFP1
25.5
22.5
21.0
2.2
240-Pin SQFP21
13.0
10.0
9.0
4.2
256-Pin PBGA1, 2
22.5
19.0
17.5
2.4
256-Pin PBGA1, 3
26.0
22.0
20.5
2.1
352-Pin PBGA1, 2
19.0
16.0
15.0
2.9
352-Pin PBGA1, 3
25.5
22.0
20.5
2.1
432-Pin EBGA1
11.0
8.5
7.5
5.0
600-Pin EBGA1
11.0
8.5
7.5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com