Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 197 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 197 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 193Page - Agere Systems OR3C80 Datasheet HTML 194Page - Agere Systems OR3C80 Datasheet HTML 195Page - Agere Systems OR3C80 Datasheet HTML 196Page - Agere Systems OR3C80 Datasheet HTML 197Page - Agere Systems OR3C80 Datasheet HTML 198Page - Agere Systems OR3C80 Datasheet HTML 199Page - Agere Systems OR3C80 Datasheet HTML 200Page - Agere Systems OR3C80 Datasheet HTML 201Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 210 page
background image
Lucent Technologies Inc.
197
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Package Outline Diagrams
Terms and Definitions
Basic Size (BSC):
The basic size of a dimension is the size from which the limits for that dimension are derived
by the application of the allowance and the tolerance.
Design Size:
The design size of a dimension is the actual size of the design, including an allowance for fit
and tolerance.
Typical (TYP):
When specified after a dimension, this indicates the repeated design size if a tolerance is
specified or repeated basic size if a tolerance is not specified.
Reference (REF):
The reference dimension is an untoleranced dimension used for informational purposes only.
It is a repeated dimension or one that can be derived from other values in the drawing.
Minimum (MIN) or
Maximum (MAX):
Indicates the minimum or maximum allowable size of a dimension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com