Electronic Components Datasheet Search
  English  ▼

X  

AM79C976 Datasheet(PDF) 214 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 214 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 210Page - Advanced Micro Devices AM79C976 Datasheet HTML 211Page - Advanced Micro Devices AM79C976 Datasheet HTML 212Page - Advanced Micro Devices AM79C976 Datasheet HTML 213Page - Advanced Micro Devices AM79C976 Datasheet HTML 214Page - Advanced Micro Devices AM79C976 Datasheet HTML 215Page - Advanced Micro Devices AM79C976 Datasheet HTML 216Page - Advanced Micro Devices AM79C976 Datasheet HTML 217Page - Advanced Micro Devices AM79C976 Datasheet HTML 218Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 309 page
background image
214
Am79C976
8/01/00
P R E L I M INARY
%&53&, /DWHQF\ 5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
MAX_LAT
Maximum Latency. Specifies the
maximum arbitration latency the
Am79C976 controller can sustain
without causing problems to the
network activity. The register val-
ue specifies the time in units of
1/4 microseconds. MAX_LAT is
aliased to the PCI configuration
space register MAX_LAT (offset
3Fh). The host will use the value
in the register to determine the
setting of the Am79C976 Latency
Timer register.
Read/Write
accessible.
MAX_LAT is set to the value of
18h by H_RESET which results
in a default maximum latency of 6
microseconds. MAX_LAT is not
affected by S_RESET or STOP.
7-0
MIN_GNT
Minimum Grant. Specifies the min-
imum length of a burst period the
Am79C976 controller needs to
keep up with the network activity.
The length of the burst period is
calculated assuming a clock rate of
33 MHz. The register value speci-
fies the time in units of 1/4 µs.
MIN_GNT is aliased to the PCI
configuration
space
register
MIN_GNT (offset 3Eh). The host
will use the value in the register to
determine
the
setting
of
the
Am79C976
Latency
Timer
register.
Read/Write
accessible.
MIN_GNT is set to the value of
18h by H_RESET which results
in a default minimum grant of 6
µs. MIN_GNT is not affected by
S_RESET or STOP.
%&53&, 6XEV\VWHP9HQGRU ,'5HJLVWHU
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
SVID
Subsystem Vendor ID. SVID is
used together with SID (BCR24,
bits 15-0) to uniquely identify the
add-in board or subsystem the
Am79C976 controller is used in.
Subsystem Vendor IDs can be ob-
tained from the PCI SIG. A value
of 0 (the default) indicates that the
Am79C976 controller does not
support subsystem identification.
Table 92. Software Styles
SWSTYLE
[7:0]
Style
Name
SSIZE32
Initialization Block
Entries
Descriptor Ring Entries
00h
LANCE/
PCnet-ISA
controller
0
16-bit software
structures, non-burst or
burst access
16-bit software structures,
non-burst access only
01h
RES
1
RES
RES
02h
PCnet-PCI
controller
1
32-bit software
structures, non-burst or
burst access
32-bit software structures,
non-burst access only
03h
PCnet-PCI
controller
1
32-bit software
structures, non-burst or
burst access
32-bit software structures,
non-burst or burst access
04h
VLAN
1
Not used
32-bit software structures,
non-burst or burst access
05h
64-bit address
1
Not used
32-bit software structures,
32-byte descriptors, non-
burst or burst access
All Other
Reserved
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com