| Electronic Components Datasheet Search |
|
AMD-K6 Datasheet(PDF) 218 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6 Datasheet(HTML) 218 Page - Advanced Micro Devices |
|
218 / 346 page ![]() 200 System Management Mode (SMM) Chapter 10 AMD-K6® Processor Data Sheet 20695H/0—March 1998 Preliminary Information Upon entry into SMM, the halt restart slot is defined as follows: s Bits 15–1—Reserved s Bit 0—Point of entry to SMM: 1 = entered from Halt state 0 = not entered from Halt state After entry into the SMI handler and before returning from SMM, the halt restart slot can be written using the following definition: s Bits 15–1—Reserved s Bit 0—Point of return when exiting from SMM: 1 = return to Halt state 0 = return to next instruction after the HLT instruction If the return from SMM takes the processor back to the Halt state, the HLT instruction is not re-executed, but the Halt special bus cycle is driven on the bus after the return. 10.7 I/O Trap Dword If the assertion of SMI# is recognized during the execution of an I/O instruction, the I/O trap dword at offset FFA4h in the SMM state-save area contains information about the instruction. The fields of the I/O trap dword are configured as follows: s Bits 31–16—I/O port address s Bits 15–4—Reserved s Bit 3—REP (repeat) string operation (1 = REP string, 0 = not a REP string) s Bit 2—I/O string operation (1 = I/O string, 0 = not an I/O string) s Bit 1—Valid I/O instruction (1 = valid, 0 = invalid) s Bit 0—Input or output instruction (1 = INx, 0 = OUTx) Table 36 shows the format of the I/O trap dword. Table 36. I/O Trap Dword Configuration 31—16 15—4 3 2 1 0 I/O Port Address Reserved REP String Operation I/O String Operation Valid I/O Instruction Input or Output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |