Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 219 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 219 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 215Page - Advanced Micro Devices AMD-K6 Datasheet HTML 216Page - Advanced Micro Devices AMD-K6 Datasheet HTML 217Page - Advanced Micro Devices AMD-K6 Datasheet HTML 218Page - Advanced Micro Devices AMD-K6 Datasheet HTML 219Page - Advanced Micro Devices AMD-K6 Datasheet HTML 220Page - Advanced Micro Devices AMD-K6 Datasheet HTML 221Page - Advanced Micro Devices AMD-K6 Datasheet HTML 222Page - Advanced Micro Devices AMD-K6 Datasheet HTML 223Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 346 page
background image
Chapter 10
System Management Mode (SMM)
201
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
The I/O trap dword is related to the I/O trap restart slot (see “I/O
Trap Restart Slot”). If bit 1 of the I/O trap dword is set by the
processor, it m eans that SMI# was asserted during the
execution of an I/O instruction. The SMI handler tests bit 1 to
see if there is a valid I/O instruction trapped. If the I/O
instruction is valid, the SMI handler is required to ensure the
I/O trap restart slot is set properly. The I/O trap restart slot
info rms the CPU whe the r it sh ou ld re-ex ecu te th e I/O
instruction after the RSM or execute the instruction following
the trapped I/O instruction.
Note: If SMI# is sampled asserted during an I/O bus cycle a
minimum of three clock edges before BRDY# is sampled
asserted, the associated I/O instruction is guaranteed to be
trapped by the SMI handler.
10.8
I/O Trap Restart Slot
The I/O trap restart slot at offset FF00h in the SMM state-save
area specifies whether the trapped I/O instruction should be
re-executed on return from SMM. This slot in the state-save area
is called the I/O instruction restart function. Re-executing a
trapped I/O instruction is useful, for example, if an I/O write
occurs to a disk that is powered down. The system logic
monitoring such an access can assert SMI#. Then the SMM
service routine would query the system logic, detect a failed I/O
write, take action to power-up the I/O device, enable the I/O
trap restart slot feature, and return from SMM.
The fields of the I/O trap restart slot are defined as follows:
s
Bits 31–16—Reserved
s
Bits 15–0—I/O instruction restart on return from SMM:
0000h
= execute the next instruction after the trapped
I/O instruction
00FFh = re-execute the trapped I/O instruction
Table 37 shows the format of the I/O trap restart slot.
Table 37. I/O Trap Restart Slot
31–16
15–0
Reserved
I/O Instruction restart on return from SMM:
s
0000h = execute the next instruction after the trapped I/O
s
00FFh = re-execute the trapped I/O instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com