Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 261 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 261 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 257Page - Advanced Micro Devices AMD-K6 Datasheet HTML 258Page - Advanced Micro Devices AMD-K6 Datasheet HTML 259Page - Advanced Micro Devices AMD-K6 Datasheet HTML 260Page - Advanced Micro Devices AMD-K6 Datasheet HTML 261Page - Advanced Micro Devices AMD-K6 Datasheet HTML 262Page - Advanced Micro Devices AMD-K6 Datasheet HTML 263Page - Advanced Micro Devices AMD-K6 Datasheet HTML 264Page - Advanced Micro Devices AMD-K6 Datasheet HTML 265Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 346 page
background image
Chapter 16
Signal Switching Characteristics
243
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Figure 82. CLK Waveform
16.4
Valid Delay, Float, Setup, and Hold Timings
Valid delay and float timings are given for output signals
during functional operation and are given relative to the rising
edge of CLK. During boundary-scan testing, valid delay and
float timings for output signals are with respect to the falling
edge of TCK. The maximum valid delay timings are provided to
allow a system designer to determine if setup times to the
system logic can be met. Likewise, the minimum valid delay
timings are used to analyze hold times to the system logic.
The setup and hold time requirements for the AMD-K6
processor input signals must be met by the system logic to
assure the proper operation of the AMD-K6. The setup and
hold timings during functional and boundary-scan test mode
are given relative to the rising edge of CLK and TCK,
respectively.
t5
2.0 V
1.5 V
0.8 V
t2
t3
t4
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com