Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 264 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 264 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 260Page - Advanced Micro Devices AMD-K6 Datasheet HTML 261Page - Advanced Micro Devices AMD-K6 Datasheet HTML 262Page - Advanced Micro Devices AMD-K6 Datasheet HTML 263Page - Advanced Micro Devices AMD-K6 Datasheet HTML 264Page - Advanced Micro Devices AMD-K6 Datasheet HTML 265Page - Advanced Micro Devices AMD-K6 Datasheet HTML 266Page - Advanced Micro Devices AMD-K6 Datasheet HTML 267Page - Advanced Micro Devices AMD-K6 Datasheet HTML 268Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 346 page
background image
246
Signal Switching Characteristics
Chapter 16
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
16.6
Input Setup and Hold Timings for 66-MHz Bus Operation
Table 50. Input Setup and Hold Timings for 66-MHz Bus Operation
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
t44
A[31:5] Setup Time
6.0 ns
86
t45
A[31:5] Hold Time
1.0 ns
86
t46
A20M# Setup Time
5.0 ns
86
Note 1
t47
A20M# Hold Time
1.0 ns
86
Note 1
t48
AHOLD Setup Time
5.5 ns
86
t49
AHOLD Hold Time
1.0 ns
86
t50
AP Setup Time
5.0 ns
86
t51
AP Hold Time
1.0 ns
86
t52
BOFF# Setup Time
5.5 ns
86
t53
BOFF# Hold Time
1.0 ns
86
t54
BRDY# Setup Time
5.0 ns
86
t55
BRDY# Hold Time
1.0 ns
86
t56
BRDYC# Setup Time
5.0 ns
86
t57
BRDYC# Hold Time
1.0 ns
86
t58
D[63:0] Read Data Setup Time
2.8 ns
86
t59
D[63:0] Read Data Hold Time
1.5 ns
86
t60
DP[7:0] Read Data Setup Time
2.8 ns
86
t61
DP[7:0] Read Data Hold Time
1.5 ns
86
t62
EADS# Setup Time
5.0 ns
86
t63
EADS# Hold Time
1.0 ns
86
t64
EWBE# Setup Time
5.0 ns
86
t65
EWBE# Hold Time
1.0 ns
86
t66
FLUSH# Setup Time
5.0 ns
86
Note 2
t67
FLUSH# Hold Time
1.0 ns
86
Note 2
Notes:
1. These level-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup and
hold times must be met. If asserted asynchronously, they must be asserted for a minimum pulse width of two clocks.
2. These edge-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup and
hold times must be met. If asserted asynchronously, they must have been negated at least two clocks prior to assertion and must
remain asserted at least two clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com