Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 270 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 270 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 266Page - Advanced Micro Devices AMD-K6 Datasheet HTML 267Page - Advanced Micro Devices AMD-K6 Datasheet HTML 268Page - Advanced Micro Devices AMD-K6 Datasheet HTML 269Page - Advanced Micro Devices AMD-K6 Datasheet HTML 270Page - Advanced Micro Devices AMD-K6 Datasheet HTML 271Page - Advanced Micro Devices AMD-K6 Datasheet HTML 272Page - Advanced Micro Devices AMD-K6 Datasheet HTML 273Page - Advanced Micro Devices AMD-K6 Datasheet HTML 274Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 346 page
background image
252
Signal Switching Characteristics
Chapter 16
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
16.9
RESET and Test Signal Timing
Table 53. RESET and Configuration Signals (60-MHz and 66-MHz Operation)
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
t90
RESET Setup Time
5.0 ns
87
t91
RESET Hold Time
1.0 ns
87
t92
RESET Pulse Width, VCC and CLK Stable
15 clocks
87
t93
RESET Active After VCC and CLK Stable
1.0 ms
87
t94
BF[2:0] Setup Time
1.0 ms
87
Note 3
t95
BF[2:0] Hold Time
2 clocks
87
Note 3
t96
BRDYC# Hold Time
1.0 ns
87
Note 4
t97
BRDYC# Setup Time
2 clocks
87
Note 2
t98
BRDYC# Hold Time
2 clocks
87
Note 2
t99
FLUSH# Setup Time
5.0 ns
87
Note 1
t100
FLUSH# Hold Time
1.0 ns
87
Note 1
t101
FLUSH# Setup Time
2 clocks
87
Note 2
t102
FLUSH# Hold Time
2 clocks
87
Note 2
Notes:
1. To be sampled on a specific clock edge, setup and hold times must be met the clock edge before the clock edge on which RESET
is sampled negated.
2. If asserted asynchronously, these signals must meet a minimum setup and hold time of two clocks relative to the negation of
RESET.
3. BF[2:0] must meet a minimum setup time of 1.0 ms and a minimum hold time of two clocks relative to the negation of RESET.
4. If RESET is driven synchronously, BRDYC# must meet the specified hold time relative to the negation of RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com