Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 271 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 271 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 267Page - Advanced Micro Devices AMD-K6 Datasheet HTML 268Page - Advanced Micro Devices AMD-K6 Datasheet HTML 269Page - Advanced Micro Devices AMD-K6 Datasheet HTML 270Page - Advanced Micro Devices AMD-K6 Datasheet HTML 271Page - Advanced Micro Devices AMD-K6 Datasheet HTML 272Page - Advanced Micro Devices AMD-K6 Datasheet HTML 273Page - Advanced Micro Devices AMD-K6 Datasheet HTML 274Page - Advanced Micro Devices AMD-K6 Datasheet HTML 275Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 346 page
background image
Chapter 16
Signal Switching Characteristics
253
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Table 54. TCK Waveform and TRST# Timing at 25 MHz
Symbol
Parameter Description
Preliminary Data
Figure
Comments
Min
Max
TCK Frequency
25 MHz
88
t103
TCK Period
40.0 ns
88
t104
TCK High Time
14.0 ns
88
t105
TCK Low Time
14.0 ns
88
t106
TCK Fall Time
5.0 ns
88
Note 1, 2
t107
TCK Rise Time
5.0 ns
88
Note 1, 2
t108
TRST# Pulse Width
30.0 ns
89
Asynchronous
Notes:
1. Rise/Fall times can be increased by 1.0 ns for each 10 MHz that TCK is run below its maximum frequency of 25 MHz.
2. Rise/Fall times are measured between 0.8 V and 2.0 V.
Table 55. Test Signal Timing at 25 MHz
Symbol
Parameter Description
Preliminary Data
Figure
Notes
Min
Max
t109
TDI Setup Time
5.0 ns
90
Note 2
t110
TDI Hold Time
9.0 ns
90
Note 2
t111
TMS Setup Time
5.0 ns
90
Note 2
t112
TMS Hold Time
9.0 ns
90
Note 2
t113
TDO Valid Delay
3.0 ns
13.0 ns
90
Note 1
t114
TDO Float Delay
16.0 ns
90
Note 1
t115
All Outputs (Non-Test) Valid Delay
3.0 ns
13.0 ns
90
Note 1
t116
All Outputs (Non-Test) Float Delay
16.0 ns
90
Note 1
t117
All Inputs (Non-Test) Setup Time
5.0 ns
90
Note 2
t118
All Inputs (Non-Test) Hold Time
9.0 ns
90
Note 2
Notes:
1. Parameter is measured from the TCK falling edge.
2. Parameter is measured from the TCK rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com