Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 296 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 296 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 292Page - Advanced Micro Devices AMD-K6 Datasheet HTML 293Page - Advanced Micro Devices AMD-K6 Datasheet HTML 294Page - Advanced Micro Devices AMD-K6 Datasheet HTML 295Page - Advanced Micro Devices AMD-K6 Datasheet HTML 296Page - Advanced Micro Devices AMD-K6 Datasheet HTML 297Page - Advanced Micro Devices AMD-K6 Datasheet HTML 298Page - Advanced Micro Devices AMD-K6 Datasheet HTML 299Page - Advanced Micro Devices AMD-K6 Datasheet HTML 300Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 346 page
background image
278
AMD-K6® Processor
Chapter 22
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
The AMD-K6 processor’s RISC86 microarchitecture is a decoupled decode/execution
superscalar design that implements state-of-the-art design techniques to achieve
leading-edge performance. Advanced design techniques implemented in the AMD-K6
include multiple x86 instruction decode, single-clock internal RISC operations, seven
execution units that support superscalar operation, out-of-order execution, data
forwarding, speculative execution, and register renaming. In addition, the processor
supports the industry’s most advanced branch prediction logic by implementing an
8192-entry branch history table, the industry’s only branch target cache, and a return
address stack, which combine to deliver better than a 95% prediction rate. These
design techniques enable the AMD-K6 processor to issue, execute, and retire
multiple x86 instructions per clock, resulting in excellent scaleable performance.
The AMD-K6 processor is fully x86 binary code compatible. AMD’s extensive
experience through four generations of x86 processors has been carefully integrated
into the AMD-K6 to provide complete compatibility with Windows 95, Windows 3.x,
Windows NT, DOS, OS/2, Unix, Solaris, NetWare®, Vines, and other leading x86
operating systems and applications. The AMD-K6 processor is Socket 7 compatible,
allowing the processor to be quickly and easily integrated into a mature and
cost-effective industry-standard infrastructure of motherboards, chipsets, power
supplies, and thermal designs.
AMD has designed, manufactured, and delivered over 50 million Microsoft
Windows-compatible processors in the last five years alone. The AMD-K6 processor is
the next addition to this long line of processors. With its combination of
state-of-the-art features, industry-leading performance, high-performance
multimedia engine, full x86 compatibility, and low-cost infrastructure, the AMD-K6 is
the superior choice for mainstream personal computers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com